Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL424 Datasheet(PDF) 21 Page - GENESYS LOGIC

Part # GL424
Description  SD/MMC Flash Card Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL424 Datasheet(HTML) 21 Page - GENESYS LOGIC

Back Button GL424 Datasheet HTML 17Page - GENESYS LOGIC GL424 Datasheet HTML 18Page - GENESYS LOGIC GL424 Datasheet HTML 19Page - GENESYS LOGIC GL424 Datasheet HTML 20Page - GENESYS LOGIC GL424 Datasheet HTML 21Page - GENESYS LOGIC GL424 Datasheet HTML 22Page - GENESYS LOGIC GL424 Datasheet HTML 23Page - GENESYS LOGIC GL424 Datasheet HTML 24Page - GENESYS LOGIC GL424 Datasheet HTML 25Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
GL424 SD/MMC Flash Card Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 21
44
HDATA6
B
MMC mode: HDATA6 from/to HOST.
45
HDATA7
B
MMC mode: HDATA7 from/to HOST.
3.2.3 Flash Interface
Table 3.8 - 46 PIN LQFN Flash Interface
Pin No.
Pin Name
Type
Description
11
CE0_
B
‘0’ for FLASH chip 0 to select active (low-active).
12
CE1_
B
‘0’ for FLASH chip 1 to select active (low-active).
14
CLE
B
FLASH command latch enable
13
ALE
B
FLASH address latch enable
46
RE_
B
FLASH read enable (low active)
45
WE_
B
FLASH write enable (low active)
44
BUSY_
B
FLASH ready when high, busy when low.
15
WP_
B
FLASH write protect (low active)
33
DA0
B
FLASH bus bit0
34
DA1
B
FLASH bus bit1
35
DA2
B
FLASH bus bit2
36
DA3
B
FLASH bus bit3
38
DA4
B
FLASH bus bit4
41
DA5
B
FLASH bus bit5
42
DA6
B
FLASH bus bit6
43
DA7
B
FLASH bus bit7
Table 3.9 - 54 PIN VFBGA Flash Interface
Pin No.
Pin Name
Type
Description
B6
CE0_
B
‘0’ for FLASH chip 0 to select active (low-active).
C5
CE1_
B
‘0’ for FLASH chip 1 to select active (low-active).
C6
ALE
B
FLASH address latch enable
D5
CLE
B
FLASH command latch enable
D6
RE_
B
FLASH read enable (low active)
E6
WE_
B
FLASH write enable (low active)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com