Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2540PM-F Datasheet(PDF) 2 Page - AMIC Technology

Part # A2540PM-F
Description  16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A2540PM-F Datasheet(HTML) 2 Page - AMIC Technology

  A2540PM-F Datasheet HTML 1Page - AMIC Technology A2540PM-F Datasheet HTML 2Page - AMIC Technology A2540PM-F Datasheet HTML 3Page - AMIC Technology A2540PM-F Datasheet HTML 4Page - AMIC Technology A2540PM-F Datasheet HTML 5Page - AMIC Technology A2540PM-F Datasheet HTML 6Page - AMIC Technology A2540PM-F Datasheet HTML 7Page - AMIC Technology A2540PM-F Datasheet HTML 8Page - AMIC Technology A2540PM-F Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
A25L16P Series
16 Mbit, Low Voltage, Serial Flash Memory
Preliminary
With 85MHz SPI Bus Interface
PRELIMINARY
(April, 2007, Version 0.6)
1
AMIC Technology Corp.
FEATURES
16 Mbit of Flash Memory
Flexible Sector Architecture (4/4/8/16/32)KB/64x31 KB
Bulk Erase (16 Mbit) in 20s (typical)
Sector Erase (512 Kbit) in 1s (typical)
Page Program (up to 256 Bytes) in 1.5ms (typical)
2.7 to 3.6V Single Supply Voltage
SPI Bus Compatible Serial Interface
85MHz Clock Rate (maximum)
Fast Read Dual Operation Instruction (3Bh/BBh)
Deep Power-down Mode 1µA (typical)
Top or Bottom Boot Block Configuration Available
Electronic Signature
- JEDEC Standard Two-Byte Signature (2015h, Bottom;
or 2025, Top)
- RES Instruction, One-Byte, Signature (14h)
Package Options
- 8-pin SOP (209mil), 16-pin SOP, or 8-pin QFN
- All Pb-free (Lead-free) products are ROHS complaint
GENERAL DESCRIPTION
The A25L16P is a 16 Mbit (2M x 8) Serial Flash Memory,
with advanced write protection mechanisms, accessed by a
high speed SPI-compatible bus.
The memory can be programmed 1 to 256 bytes at a time,
using the Page Program instruction.
The memory is organized as 32 sectors, each containing 256
pages. Each page is 256 bytes wide. Thus, the whole
memory can be viewed as consisting of 8192 pages, or
2,097,152 bytes.
The whole memory can be erased using the Bulk Erase
instruction, or a sector at a time, using the Sector Erase
instruction.
Pin Configurations
SO8 Connections
SO16 Connections
QFN8 Connections
V
CC
C
DU
DO
S
HOLD
V
SS
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
A25L16P
V
CC
C
DO
DIO
S
W
HOLD
V
SS
1
8
2
7
3
6
4
5
A25L16P
DU
DU
DU
DIO
DU
DU
DU
DU
W
Note:
DU = Do not Use
V
CC
C
DIO
DO
S
W
HOLD
V
SS
A25L16P
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com