Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2407 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 2407
Description  BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

2407 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  2407 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L2 :PC
40
73.1
1163
S
28
.0 N
4 mm
0 (
<6.0N )
-40 to 65 °C
5.6
K/W
6
.0 N
110 N
≤0.02 mm
155°C
V
V
mA
mA
mN.m/A
mN·m
rpm
Pulse / circle
mN.m
second
gcm2
g
AM-40GP
AM-45GP
L1:45GP
L1:
40GP
36.1
36.1
48.1
4
. RS485-B
1
. D GND
3
. RS485-A
4. DI-1
60.1
72.1
48.1
60.1
ASSUN SERVO MOTOR
BUILT-IN SERVO DRIVE
INTEGRATED MOTOR-Brushless
AM-PP4073BF SERIES (Built-In Communication Protocol )
Incorrect wiring will damage the
built-in driver of the motor!
Brushless Servo Motor
Ball Bearing
Nominal voltage
Voltage Range
Standby current
Rated current
Torque constant
Rated torque
Rated speed
Pulse number / circle
Overload torque
Maximum overload time
Moment of inertia
Weight
Motor Model
Additional Information
Note: Excessive shock loads and periodic oscillations can cause the motor to run unsteadily. Stabilize the system by improving the load.
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial runout (5mm from the thread surface):
Maximum winding temperature
Motor thermal time constant:
Radial (5mm from head face):
Max allowable screw depth info flange:
Axial play:
Ambient temperature range:
Part Information
Pin Definition
Control function description
Wiring diagram:NO
DO Digital Output(5~24VDC)
DI Digital Input(5~24VDC)
MODBUS RS485 (RTU)
Default node id: 0X08
Baud rate:57600bps,8,1,N,N.
PC software and full set of data:
Website:https://www.assunmotor.com.cn/zlxz
Total Length LT=L1+L2+L3
AM-PP4073BF Combiniation Scheme
Note: The customer can select the gearbox to match the motor. It is
recommended to weld motor shaft gears, some of which are listed
here for reference.
Recommended Gearbox:
Download datasheet: https://assunmotor.com/documents-download
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
202
4-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
2409
24
21.5~26.5
35
7400
16384
5
2407
24
21.5~26.5
35
6000
16384
5
3609
36
33
.5~38.5
2
5
4800
16384
5
3607
36
33.5~38.5
2
5
4000
16384
5
23.0
29.6
34.4
44.4
170
177.5
165
177.6
8200
6000
8500
6500
86.51
86.51
86.51
86.51
396
396
396
396
340
355
330
355.2
Servo Motor
Cable color Pin1~4:Black-Yellow-Red-Blue


Similar Part No. - 2407

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2407 KR-2407 Datasheet
24Kb / 2P
Bandpass Filter
logo
List of Unclassifed Man...
2407 ETC2-2407 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Heyco.
2407 HEYCO-2407 Datasheet
106Kb / 1P
Snap Bushings
logo
ASSUN MOTOR Pte Ltd.
2407 ASSUN-2407 Datasheet
258Kb / 1P
SPEED DRIVER INTEGRATED SERIES
2020
2407 ASSUN-2407 Datasheet
264Kb / 1P
SPEED DRIVER INTEGRATED SERIES
2020
More results

Similar Description - 2407

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
Brushless DC motor drive circuit
April 1994
TDA5142T PHILIPS-TDA5142T Datasheet
267Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5143T PHILIPS-TDA5143T Datasheet
149Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5144 PHILIPS-TDA5144 Datasheet
231Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5145TS PHILIPS-TDA5145TS Datasheet
118Kb / 20P
Brushless DC motor drive circuit
1998 Oct 27
TDA5146T PHILIPS-TDA5146T Datasheet
266Kb / 18P
Brushless DC motor drive circuit
1994 May 18
TDA5240T PHILIPS-TDA5240T Datasheet
3Mb / 19P
Brushless DC motor drive circuit
November 96
TDA5241 PHILIPS-TDA5241 Datasheet
3Mb / 19P
Brushless DC motor drive circuit
November 96
TDF5140A PHILIPS-TDF5140A Datasheet
120Kb / 19P
Brushless DC motor drive circuit
1999 March 15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com