Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML145151 Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc.

Part # ML145151
Description  Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145151 Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button ML145151 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
www.lansdale.com
Page 9 of 35
Issue A
ML145155
Serial–Input PLL
Frequency Synthesizer
Interfaces with Single–Modulus Prescalers
Legacy Device: Motorola/Freescale MC145155-2
The ML145155 is programmed by a clocked, serial input,
16–bit data stream. The device features consist of a reference
oscillator, selectable–reference divider, digital–phase detector,
14–bit programmable divide–by–N counter, and the necessary
shift register and latch circuitry for accepting serial input
data.
• Operating Temperature Range: TA = – 40 to 85°C
• Low Power Consumption Through Use of CMOS
Technology
• 3.0 to 9.0 V Supply Range
• On– or Off–Chip Reference Oscillator Operation with
Buffered Output
• Compatible with the Serial Peripheral Interface (SPI) on
CMOS MCUs
• Lock Detect Signal
• Two Open–Drain Switch Outputs
• 8 User–Selectable ÷ R Values: 16, 512, 1024, 2048,
3668, 4096, 6144, 8192
• Single Modulus/Serial Programming
• ÷ N Range = 3 to 16383
• “Linearized” Digital Phase Detector Enhances Transfer
Function Linearity
• Two Error Signal Options: Single–Ended (Three–State)
or Double–Ended
• Chip Complexity: 6504 FETs or 1626 Equivalent Gates
P DIP 18 = VP
PLASTIC DIP
CASE 707
SOG 20W = -6P
SOG PACKAGE
CASE 751D
1
18
20
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 18
MC145155P2
ML145155VP
SOG 20W
MC145155DW2
ML145155-6P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
PIN ASSIGNMENTS
VDD
φV
RA2
RA1
fin
LD
VSS
PDout
φR
REFout
OSCout
OSCin
RA0
CLK
DATA
ENB
SW1
SW2
14
15
16
17
18
10
11
12
13
5
4
3
2
1
9
8
7
6
PLASTIC DIP
PDout
φR
φV
RA2
RA1
fin
LD
NC
VSS
VDD
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
NC
REFout
OSCout
OSCin
RA0
CLK
DATA
ENB
SW1
SW2
SOG PACKAGE
NC = NO CONNECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com