Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5C4-R20J Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E5C4-R20J
Description  DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5C4-R20J Datasheet(HTML) 3 Page - Omron Electronics LLC

  E5C4-R20J Datasheet HTML 1Page - Omron Electronics LLC E5C4-R20J Datasheet HTML 2Page - Omron Electronics LLC E5C4-R20J Datasheet HTML 3Page - Omron Electronics LLC E5C4-R20J Datasheet HTML 4Page - Omron Electronics LLC E5C4-R20J Datasheet HTML 5Page - Omron Electronics LLC E5C4-R20J Datasheet HTML 6Page - Omron Electronics LLC E5C4-R20J Datasheet HTML 7Page - Omron Electronics LLC E5C4-R20J Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
E5C4
E5C4
3
Nomenclature
Temperature indicator
Digital switch for
temperature setting
Operation indicator
RESET shaft
Negative Value Display (Example: –18
°C)
Indicates that the temperature
is below 0
°C.
Note:
The E5C4 does not have a parameter display any tempera-
ture below 0
°C. Therefore, the accuracy of any tempera-
ture below 0
° displayed by the E5C4 cannot be guaranteed.
Overflow Display
The following will be displayed if the sensor burnout detection circuit
operates or the process value exceeds the temperature range that
has been preset.
(Except models with a set temperature range from 0
°C to 399°C,
32
°F to 799°F and 32°F to 199°F.)
0
°C to 999°C or 0°C to 99.9°C
or 32
°F to 999°F
0
°C to 399°C
32
°F to 799°F
32
°F to 199°F
Operation Indicator
Indicator
Output
Red
Lit
ON
Not lit
OFF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com