Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMPLH5030S-R68M Datasheet(PDF) 1 Page - Abracon Corporation

Part # AMPLH5030S-R68M
Description  Molded Inductor (Carbonyl)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMPLH5030S-R68M Datasheet(HTML) 1 Page - Abracon Corporation

  AMPLH5030S-R68M Datasheet HTML 1Page - Abracon Corporation AMPLH5030S-R68M Datasheet HTML 2Page - Abracon Corporation AMPLH5030S-R68M Datasheet HTML 3Page - Abracon Corporation AMPLH5030S-R68M Datasheet HTML 4Page - Abracon Corporation AMPLH5030S-R68M Datasheet HTML 5Page - Abracon Corporation AMPLH5030S-R68M Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Molded Inductor (Carbonyl)
AMPLH5030S
5.7 x 5.3 x 2.8 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
2/27/2024
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Test Conditions
Isat: DC current at which the inductance drops 30% from its initial value.
Irms: DC current that causes the temperature rise (ΔT, approximate 40˚C) from 25˚C ambient.
Operating Temperature: -40˚C ~ +125˚C (including self-temperature rise)
Storage Condition: -40˚C ~ +125˚C (on board), -10˚C ~ +40˚C (with packaging) and R.H. 85% max.
Operating Voltage: 50V (across inductor)
AMPLH5030S Series is RoHS Compliant and Pb free.
For saturation and temperature rise graphs, please visit Abracon | Power Inductor Performance Analyzer (PIPA)
Part Number
Inductance
Tolerance
DC Resistance
Saturation
Current
Temperature
Rise Current
0.1MHz/1.0V
Max.
Typ.
Typ.
Typ.
Units
μH
%
A
A
Symbol
L
M
DCR
Isat
Irms
AMPLH5030S-R24M
0.24
±20
3.0
2.5
38.0
25.0
AMPLH5030S-R33M
0.33
±20
3.4
2.8
25.0
21.0
AMPLH5030S-R36M
0.36
±20
3.5
2.9
24.0
20.0
AMPLH5030S-R47M
0.47
±20
3.9
3.2
20.0
19.0
AMPLH5030S-R68M
0.68
±20
5.2
4.3
18.0
17.0
AMPLH5030S-1R0M
1.00
±20
6.7
5.6
16.0
15.0
AMPLH5030S-1R2M
1.20
±20
8.4
7.0
15.3
14.5
AMPLH5030S-1R5M
1.50
±20
10.0
8.3
15.0
14.0
AMPLH5030S-2R2M
2.20
±20
14.4
12.0
12.5
12.0
AMPLH5030S-3R3M
3.30
±20
21.0
17.5
10.5
10.0
AMPLH5030S-4R7M
4.70
±20
32.4
27.0
10.0
8.5
AMPLH5030S-5R6M
5.60
±20
44.4
37.0
8.0
7.2
AMPLH5030S-6R8M
6.80
±20
50.0
41.5
7.5
6.6
AMPLH5030S-8R2M
8.20
±20
62.4
52.0
7.3
5.8
AMPLH5030S-100M
10.00
±20
78.0
65.0
6.8
5.0
AMPLH5030S-150M
15.00
±20
118.0
98.0
3.7
3.5
AMPLH5030S-220M
22.00
±20
160.0
133.0
3.5
3.1
Shielded construction
Soft saturation
Low DCR, High Efficiency
Designed for switching frequencies between
100KHz-2MHz
DC/DC Switching converters
Power supplies for Notebooks,
workstations, and Servers
Low Profile applications
High current, transient load applications
Electrical Specifications
Applications
Features


Similar Part No. - AMPLH5030S-R68M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMPLH4020S ABRACON-AMPLH4020S Datasheet
897Kb / 6P
Molded Inductor (Carbonyl)
2/28/2024
AMPLH4020S-100M ABRACON-AMPLH4020S-100M Datasheet
897Kb / 6P
Molded Inductor (Carbonyl)
2/28/2024
AMPLH4020S-1R0M ABRACON-AMPLH4020S-1R0M Datasheet
897Kb / 6P
Molded Inductor (Carbonyl)
2/28/2024
AMPLH4020S-1R5M ABRACON-AMPLH4020S-1R5M Datasheet
897Kb / 6P
Molded Inductor (Carbonyl)
2/28/2024
AMPLH4020S-2R2M ABRACON-AMPLH4020S-2R2M Datasheet
897Kb / 6P
Molded Inductor (Carbonyl)
2/28/2024
More results

Similar Description - AMPLH5030S-R68M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9220-00-RC BOURNS-9220-00-RC Datasheet
211Kb / 1P
Molded Axial Inductor
9250A BOURNS-9250A Datasheet
248Kb / 2P
Molded Axial Inductor
logo
Pulse A Technitrol Comp...
PA5449.XXXNLT PULSE-PA5449.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
logo
Shanghai Leiditech Elec...
LM0605H LEIDITECH-LM0605H Datasheet
937Kb / 9P
Carbonyl powder inductor.
LM1265H LEIDITECH-LM1265H Datasheet
1Mb / 6P
Carbonyl Powder
logo
Shenzhen Codaca Electro...
CSEB0430H CODACA-CSEB0430H Datasheet
917Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0550H CODACA-CSEB0550H Datasheet
827Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0630 CODACA-CSEB0630 Datasheet
1,008Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0730H CODACA-CSEB0730H Datasheet
828Kb / 7P
Molded Power Inductor
07/14/2020
CSEB1350 CODACA-CSEB1350 Datasheet
900Kb / 7P
Molded Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com