Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3152F Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3152F
Description  120mA HIGH EFFICIENCY WHITE LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3152F Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3152F Datasheet HTML 3Page - Diodes Incorporated AP3152F Datasheet HTML 4Page - Diodes Incorporated AP3152F Datasheet HTML 5Page - Diodes Incorporated AP3152F Datasheet HTML 6Page - Diodes Incorporated AP3152F Datasheet HTML 7Page - Diodes Incorporated AP3152F Datasheet HTML 8Page - Diodes Incorporated AP3152F Datasheet HTML 9Page - Diodes Incorporated AP3152F Datasheet HTML 10Page - Diodes Incorporated AP3152F Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AP3152
120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152 Rev. 1
11 of 11
SEPTEMBER 2007
www.diodes.com
© Diodes Incorporated
Package Information
( unit: mm )
2.3 / 2.5
0.18/0.28
0.45typ
0.10 M C A B
R0.3
B
Bottom View
2.9 / 3.1
A
C
0.25 B
2x-
0.08 C
0.10 C
Seating plane
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agreeto hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as criticalcomponents in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com