Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STW5098
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STW5098 Datasheet HTML 37Page - STMicroelectronics STW5098 Datasheet HTML 38Page - STMicroelectronics STW5098 Datasheet HTML 39Page - STMicroelectronics STW5098 Datasheet HTML 40Page - STMicroelectronics STW5098 Datasheet HTML 41Page - STMicroelectronics STW5098 Datasheet HTML 42Page - STMicroelectronics STW5098 Datasheet HTML 43Page - STMicroelectronics STW5098 Datasheet HTML 44Page - STMicroelectronics STW5098 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 85 page
background image
STw5098
Control registers
41/85
5.6
Digital audio interfaces master mode and clock generators
CR#
(hex)
Description
D7
D6D5
D4
D3D2
D1D0
Def.
CR20
(14h)
DAOCK
frequency LSB
DAOCKF(7:0)
0000
0000
CR21
(15h)
DAOCK
frequency MSB
DAOCKF(15:8)
0000
0000
CR22
(16h)
DA clock
generator control
X
X
DAMAST
DA
MASTGEN
END
OCK
DAO
CK512
DAPCMF(1:0)
0000
0000
CR23
(17h)
ADOCK
frequency LSB
ADOCKF(7:0)
0000
0000
CR24
(18h)
ADOCK
frequency MSB
ADOCKF(15:8)
0000
0000
CR25
(19h)
AD clock
generator
control
X
X
ADMAST
AD
MASTGEN
ENA
DOCK
ADO
CK512
ADPCMF(1:0)
0000
0000
Table 18.
CR21-20 and CR24-23 description
Bits
Name CR21-20
Name CR24-23
Value
CR21-20 and CR24-23 Description
Def.
15-0
DAOCKF(15:0)
ADOCKF(15:0)
K
The following formulas can be used to obtain the value of K for the
desired FS or OCK respectively in the clock generator
FS: Data rate (DA_SYNC or AD_SYNC frequency in master mode)
OCK: Oversampled clock frequency (DA_OCK or AD_OCK)
AMCK: Input master clock frequency
MCKCOEFF: See CR30 for definition
OSR: See bit 2 in CR22 and CR25
0000h
Note: CR21-20 and CR24-23 are meaningful in master mode only.
KFS
()
round 2
25
FS
AMCK
MCKCOEFF
⋅
--------------------------------------------------------------
⎝⎠
⎛⎞
=
KOCK
()
roun d 2
25
OC K
AMCK
MCKCOEFF
OSR
⋅
⋅
------------------------------------------------------------------------------------
⎝⎠
⎛⎞
=
Table 19.
CR22 and CR25 description
Bits
Name CR22
(Name CR25)
Value
CR22 and CR25 description
Def.
5
DAMAST
(ADMAST)
1
0
DA (AD) Audio interface is in master mode (low impedance output)
DA (AD) Audio interface is in slave mode (high impedance input)
0
4
DAMASTGEN
(ADMASTGEN)
1
0
DA (AD) Master generator is enabled
DA (AD) Master generator is disabled
0
3
ENDAOCK
(ENADOCK)
1
0
DA_OCK (AD_OCK) output clock is enabled
DA_OCK (AD_OCK) output clock is disabled
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com