Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBTO232 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # USBTO232
Description  USB-to-COM Port Adapter Board User Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USBTO232 Datasheet(HTML) 1 Page - Maxim Integrated Products

  USBTO232 Datasheet HTML 1Page - Maxim Integrated Products USBTO232 Datasheet HTML 2Page - Maxim Integrated Products USBTO232 Datasheet HTML 3Page - Maxim Integrated Products USBTO232 Datasheet HTML 4Page - Maxim Integrated Products USBTO232 Datasheet HTML 5Page - Maxim Integrated Products USBTO232 Datasheet HTML 6Page - Maxim Integrated Products USBTO232 Datasheet HTML 7Page - Maxim Integrated Products USBTO232 Datasheet HTML 8Page - Maxim Integrated Products USBTO232 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
General Description
The USBTO232 is an adapter board that converts a
PC’s USB port into a standard COM port. A COM port is
also known as the standard serial port that uses
Recommended Standard 232 (RS-232).
The USBTO232 is included with selected Maxim EV kits
and EV systems that were originally designed for the
PC COM port and later updated to also support the
USB port. Data sheets for EV kits and EV systems that
can use the USBTO232 have been updated to reflect
compatibility and also provide ordering information.
Use of the USBTO232 in applications other than those
EV kits specified by Maxim is not supported.
Important: Before using the USBTO232, see the
Quick
Start section of this data sheet to correctly install the
USB driver for the appropriate Windows® operating
system.
Features
o USB Powered
o USB Driver for Windows 98SE/2000/XP Operating
Systems
o USB and I/O Power LED Indicators
o Two GPIO LED Indicators
o USB Cable Included
o 8-Pin Signal Header
o Proven PCB Layout
o Fully Assembled and Tested
USB-to-COM Port Adapter Board User Guide
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-0677; Rev 0; 11/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
+
Denotes lead-free and RoHS compliance.
PART
PC
INTERFACE
OPERATING SYSTEMS
SUPPORTED
USBTO232+
USB
Windows 98SE/2000/XP
Component List
Windows is a registered trademark of Microsoft Corp.
DESIGNATION
QTY
DESCRIPTION
C1
1
0.01µF ±10%, 50V X7R ceramic
capacitor (0603)
TDK C1608X7R1H103K
C2, C3
2
47pF ±5%, 50V COG ceramic
capacitors (0603)
TDK C1608C0G1H470J
C4–C8, C11,
C12
7
0.1µF ±10%, 16V X7R ceramic
capacitors (0603)
TDK C1608X7R1C104K
C9
1
4.7µF ±10%, 6.3V X5R ceramic
capacitor (0603)
TDK C1608X5R0J475K
C10
1
1µF ±10%, 6.3V X5R ceramic
capacitor (0603)
TDK C1608X5R0J105K
D1
1
Red LED (0603)
Panasonic LNJ208R8ARA
D2
1
Green LED (0603)
Stanley Electric BG1111C-TR
Panasonic LNJ314G8TRA
FB1
1
40
Ω @ 100MHz, 1.5A ferrite bead
(0805)
Steward MI0805K400R-10
H1
1
8-pin header
JU1, JU2, JU3
3
3-pin headers
DESIGNATION
QTY
DESCRIPTION
P1
1
USB type B right-angle female
receptacle connector
Assmann AU-Y1007-R
P2
1
Short DB9 right-angle male
receptacle connector (without
cable-locking screws)
R1, R2
2
270
Ω ±5% resistors (0603)
(use lead-free parts only)
U1
1
USB-to-UART converter
FTDI FT232RL (28-pin SSOP)
U2
1
MAX213EEAI+ (28-pin SSOP)
—
3
Shunts
—
1
USBTO232+ PCB
—
1
USB high-speed A-to-B 6ft cable
Note: Indicate the Maxim EV kit that you are using when con-
tacting this component supplier.
SUPPLIER
PHONE
WEBSITE
TDK
847-803-6100
www.component.tdk.com
Component Supplier


Similar Part No. - USBTO232

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
USBTO232+ MAXIM-USBTO232+ Datasheet
232Kb / 8P
Fully Assembled and Tested
Rev 1; 12/06
USBTO232+ MAXIM-USBTO232+ Datasheet
235Kb / 8P
Convenient Test Points Provided On-Board
Rev 1; 12/06
USBTO232+ MAXIM-USBTO232+ Datasheet
127Kb / 8P
Convenient Test Points Provided On-Board
Rev 0; 3/97
More results

Similar Description - USBTO232

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9097E DALLAS-DS9097E Datasheet
75Kb / 2P
COM Port Adapter
logo
International Rectifier
IRDC3138EVAL IRF-IRDC3138EVAL Datasheet
541Kb / 6P
EVALUATION BOARD USER GUIDE
logo
Analog Devices
UG-272 AD-UG-272 Datasheet
558Kb / 12P
Evaluation Board User Guide
REV. A
UG-317 AD-UG-317 Datasheet
568Kb / 12P
Evaluation Board User Guide
REV. 0
UG-486 AD-UG-486 Datasheet
532Kb / 8P
Evaluation Board User Guide
REV. 0
UG-287 AD-UG-287 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
Evaluation Board User Guide
REV. B
logo
Microchip Technology
AC182015-1 MICROCHIP-AC182015-1 Datasheet
1Mb / 30P
ZENA??Wireless Adapter User?셲 Guide
11/29/11
logo
Maxim Integrated Produc...
DS9097 MAXIM-DS9097 Datasheet
183Kb / 3P
COM Port Adapter
8/09
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
Evaluation Board User Guide
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com