Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C182B Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C182B
Description  Precision 1-10 Clock Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C182B Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C182B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C182B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C182B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C182B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C182B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C182B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C182B Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PI6C182B
Precision 1-10 Clock Buffer
2
PS8465C
09/07/05
Pin Description
Pin
Symbol
Type
Qty
Description
2, 3, 6, 7
SDRAM[0-3]
O
4
SDRAM Byte 0 clock output
22, 23, 26, 27
SDRAM[4-7]
O
4
SDRAM Byte 1 clock output
11, 18
SDRAM[8-9]
O
2
SDRAM Byte 2 clock output
9
BUF_IN
I
1
Input for 1-20 buffer
20
OE
I
1
Hi-Z states all outputs when held LOW. Has a >100kΩ internal pull-up
resistor.
14
SDATA
I/O
1
Data pin for I2C curcuitry. Has a >100kΩ internal pull-up resistor.
15
SCLOCK
I/O
1
Clock pin I2C circuitry. Has a >100kΩ internal pull-up resistor.
1, 5, 10, 19, 24,
28
VDD[0-5]
Power
6
3.3V power supply for SDRAM buffer
4, 8, 12, 17, 21,
25
VSS[0-5]
Ground
6
Ground for SDRAM buffers
13
VDDIIC
Power
1
3.3V power supply for I2C circuitry
16
VSSIIC
Ground
1
Ground for I2C circuitry
OE Functionality
OE
SDRAM[0-9]
Notes
0
Hi-Z
1
1
BUF_IN
2
I2C Address Assignment
A6
A5
A4
A3
A2
A1
A0
R/W
1
1
0
1
0
0
1
0
Notes:
1. Used for test purposes only
2. Buffers are non-inverting
Serial Configuration Map
Byte0: SDRAM Active/Inactive Register
(1 = enable, 0 = disable)
Bit
Pin
Description
7
NC (Initialize to 0)
6
NC (Initialize to 0)
5
NC (Initialize to 0)
4
NC (Initialize to 0)
3
7
SDRAM3 (Active/Inactive)
2
6
SDRAM2 (Active/Inactive)
1
3
SDRAM1 (Active/Inactive)
0
2
SDRAM0 (Active/Inactive)
Note:
1. Inactive means outputs are held LOW and are disabled from
switching



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com