Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN897 Datasheet(PDF) 13 Page - Microchip Technology

Part # AN897
Description  Thermistor Temperature Sensing with MCP6SX2 PGAs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN897 Datasheet(HTML) 13 Page - Microchip Technology

Back Button AN897 Datasheet HTML 8Page - Microchip Technology AN897 Datasheet HTML 9Page - Microchip Technology AN897 Datasheet HTML 10Page - Microchip Technology AN897 Datasheet HTML 11Page - Microchip Technology AN897 Datasheet HTML 12Page - Microchip Technology AN897 Datasheet HTML 13Page - Microchip Technology AN897 Datasheet HTML 14Page - Microchip Technology AN897 Datasheet HTML 15Page - Microchip Technology AN897 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
 2004 Microchip Technology Inc.
DS00897B-page 13
AN897
A.2.6
FIRMWARE FOR THE SIGNAL
ANALYSIS PICtail DAUGHTER
BOARD
PICA2Dlab.hex
is the standard file that supports the
PICkit™ 1 Signal Analysis PC Program. The PGA and
10-bit ADC configuration are selected in the Signal
Analysis PC Program and written to the PIC16F684.
The PIC16F684 then sends the command(s) over the
SPI bus to the PGA.
Therm_PGA1.hex
implements the first design. It
supports the PICkit 1 Signal Analysis PC Program, but
with reduced functionality; its output can be viewed on
the strip chart only. The results need to be manually
converted to temperatures (codes 0 to 1023 convert to
0.0°C to 102.3°C).
Therm_PGA2.hex
implements the second design. It
supports the PICkit 1 Signal Analysis PC Program, but
with reduced functionality; its output can be viewed on
the strip chart only. The results need to be manually
converted to temperatures (codes 0 to 1023 convert to
0.0°C to 102.3°C).
A.2.7
INTERFACE DETAILS
A more detailed look at how the Thermistor PGA PICtail
Daughter Board interfaces with the other boards is
shown in Figure A-4.
FIGURE A-4:
Detailed Interface Diagram.
Thermistor
Voltage
Divider
PGA
MCP6S22
Thermistor PGA
PICtail™ Daughter Board
VOUT
SPI Bus
4
Serial
EEPROM
PIC16F684
ADC
Signal Analysis
PICtail™ Daughter Board
GND
+5V
GND
+5V
PICkit™ 1
Flash Starter Kit
4
SPI™ Bus
CH1 Input
CH0 Input
+5V
GND
Test Point
Test Point
Test Point
Test Point
2
PIC16F745
USB
to PC
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com