Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML145503EP Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML145503EP
Description  PCM Codec-Filter Mono-Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145503EP Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML145503EP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ML145502, ML145503, ML145505
LANSDALE Semiconductor, Inc.
ML145502/03/05 PCM CODEC–FILTER MONO–CIRCUIT BLOCK DIAGRAM
RCE
RDC
RECEIVE SHIFT
REGISTER
D/A
SHARED
DAC
÷ 1, 12, 16, 20
CCI PRESCALER
SEQUENCE
AND
CONTROL
TRANSMIT SHIFT
REGISTER
CCI
MSI
VLS
PDI
TDD
TDE
TDC
2.5 V
REF
RSI
CIRCUITRY
A/D
FREQUENCY
FREQUENCY
FREQUENCY
Controlled by VLS
Rx
≈ 100 kΩ (internal resistors)
VDD
VSS
RxO
RxG
RxO
VDD
VSS
VAG
Vref
RSI
TxI
– Tx
+ Tx
Rx
Rx
400
µA
RDD
+
–
+
–
–
+
1
NOTES:
www.lansdale.com
Page 2 of 26
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com