Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1621 Datasheet(PDF) 2 Page - RDC Semiconductor

Part # R1621
Description  FAST ETHERNET RISC PROCESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDC [RDC Semiconductor]
Direct Link  http://www.rdc.com.tw/en/index.php
Logo RDC - RDC Semiconductor

R1621 Datasheet(HTML) 2 Page - RDC Semiconductor

  R1621 Datasheet HTML 1Page - RDC Semiconductor R1621 Datasheet HTML 2Page - RDC Semiconductor R1621 Datasheet HTML 3Page - RDC Semiconductor R1621 Datasheet HTML 4Page - RDC Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
R1621
R
RD
DC
C®®
R
RIISSC
C D
DSSPP C
Coom
mm
muunniiccaattiioonn
FAST ETHERNET RISC PROCESSOR
Specifications subject to change without notice, contact your sales representatives for the most update information.
Page 2 of 4
REV 1.0 Aug. 18 2005
1.
Features
l
CPU Core
-
RDC's proprietary RISC architecture
-
Five-stage pipeline
-
Operation frequency: 100MHz
-
Supports an 8K-byte uniform cache
-
Supports CPU ID
-
Supports 40 PIO pins
l
Bus Interface
-
Supports non-multiplexed address bus A[19:0]
-
With 8-bit or 16-bit boot ROM bus size
-
Supports an independent data/address bus for
external I/O devices
-
8-bit or 16-bit external bus dynamic access
l
PCMCIA Bus Interface
-
Supports a glueless and simplified 16-bit
PCMCIA bus interface
l
ROM/RAM/SDRAM Controller and Addressing
Space
-
Supports 16-bit data bus [15:0]
-
1M-byte memory address space Address[19:0]
-
SDRAM control interface
-
64K-byte I/O space
l
Compatible UART Channels
-
Supports two compatible UART serial channels
with 16-byte FIFOs and hardware flow-control
l
Two independent DMA channels
l
Fast Ethernet MAC Ports
-
2-port Fast Ethernet MAC with MII interface
-
The MAC packet buffer is cacheable with
snooping function
l
Interrupt Controller
-
The interrupt controller with five maskable
external interrupts
l
Programmable Chip-select Logic
-
Programmable chip-select logic for memory or
I/O bus cycle decoder
l
Programmable Wait-state Generators
l
Counter/Timers
-
Three independent 16-bit timers and one
independent programmable watchdog timer
l
Operating Voltage Range
-
Core voltage: 2.5V ± 5%
-
I/O voltage: 3.3V ± 10%
l
Package Type
128-pin PQFP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com