Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS31N20DPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS31N20DPBF
Description  HEXFET Power MOSFET ( VDSS = 200V , RDS(on)max = 0.082廓 , ID = 31A )
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS31N20DPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFS31N20DPBF Datasheet HTML 1Page - International Rectifier IRFS31N20DPBF Datasheet HTML 2Page - International Rectifier IRFS31N20DPBF Datasheet HTML 3Page - International Rectifier IRFS31N20DPBF Datasheet HTML 4Page - International Rectifier IRFS31N20DPBF Datasheet HTML 5Page - International Rectifier IRFS31N20DPBF Datasheet HTML 6Page - International Rectifier IRFS31N20DPBF Datasheet HTML 7Page - International Rectifier IRFS31N20DPBF Datasheet HTML 8Page - International Rectifier IRFS31N20DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3/1/04
www.irf.com
1
SMPS MOSFET
HEXFET® Power MOSFET
l High Frequency DC-DC converters
l Lead-Free
Benefits
Applications
l Low Gate to Drain to Reduce Switching
Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design,(See
AN 1001)
l Fully Characterized Avalanche Voltage
and Current
VDSS
RDS(on) max
ID
200V
0.082
Ω
31A
Applicable Off Line SMPS Topologies
l Telecom 48V Input DC/DC Active Clamp Reset Forward Converter
Notes
 through † are on page 11
IRFB31N20DPbF
IRFS31N20DPbF
IRFSL31N20DPbF
D2Pak
IRFS31N20DPbF
TO-220AB
IRFB31N20DPbF
TO-262
IRFSL31N20DPbF
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
31
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
21
A
IDM
Pulsed Drain Current

124
PD @TA = 25°C
Power Dissipation
‡
3.1
W
PD @TC = 25°C
Power Dissipation
200
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
2.1
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
†
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
PD - 94946


Similar Part No. - IRFS31N20DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS31N20DPBF IRF-IRFS31N20DPBF Datasheet
296Kb / 12P
High Frequency DC-DC converters
logo
Thinki Semiconductor Co...
IRFS31N20DPBF THINKISEMI-IRFS31N20DPBF Datasheet
1Mb / 6P
THINKI 40A,200V Matured Planar N-Channel Power MOSFETs
Rev.15T
More results

Similar Description - IRFS31N20DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB31N20D IRF-IRFB31N20D Datasheet
190Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRF9610PBF IRF-IRF9610PBF Datasheet
1Mb / 8P
HEXFET POWER MOSFET ( VDSS=-200V , RDS(on)=3.0廓 , ID=-1.8A )
IRF620SPBF IRF-IRF620SPBF Datasheet
1Mb / 9P
HEXFET POWER MOSFET (VDSS=200V , RDS(on)=0.80廓 , ID=5.2A )
IRFP22N50APBF IRF-IRFP22N50APBF Datasheet
191Kb / 8P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.23廓 , ID = 22A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRFR420APBF IRF-IRFR420APBF Datasheet
225Kb / 10P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on) max = 3.0廓 , ID = 3.3A )
IRF630SPBF IRF-IRF630SPBF Datasheet
986Kb / 8P
HEXFET POWER MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
230Kb / 11P
HEXFET Power MOSFET ( VDSS = 250V , RDS(on)max = 0.26廓 , ID = 14A )
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com