Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

01234 Datasheet(PDF) 2 Page - Atom Lighting

Part # 01234
Description  AT9087SP-TRI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

01234 Datasheet(HTML) 2 Page - Atom Lighting

  01234 Datasheet HTML 1Page - Atom Lighting 01234 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COLOUR TEMPERATURE
1280 lm
Warm White (3000K
)
Cool White (4000K)
DayLight (5700K
)
DRIVER
Dimmable
Yes
Driver Included
Yes
Integrated Driver
No
Driver Mode
Constant Current
Driver Type
Dimmable ( Phase cut)
Flex & Plug or Lead Length
1200 mm
Wiring Type
Re-wireable Flex & Plug (2
pin)
COMPLIANCE
Standards
AS/NZS 60598.1
AS/NZS 60598.2.1
AS/NZS 61347.1
AS/NZS 61347.2.13
AS CISPR 15
WARRANTY
Domestic Use Warranty
3 (Yr) RTB
VIP Warranty
2 Onsite, 3 RTB (Total 5
Years)
VIP warranty is available to registered users and is subjected
to additional terms and conditions.
LINE DRAWINGS
AT9087SP-145/10/WH/TRI
LED LIFETIME
LED Lifetime
>54,000 hrs
This is the Reported LED Lifetime in Hours based on TM-21.
Atom does not list the projected or calculated LED lifetime,
which is normally longer as TM-21 Addendum B explicitly
states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED
however the system life is longer since the probability and
binomial distribution of all LEDs in the system means that the
average led is performing above the specification and
compensates for the LEDs falling below.
TM-21 Test Hours
9000 hrs
AT9087SP-190/10/WH/TRI
AT9087SP-228/10/WH/TRI
1380 lm
1330 lm
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE
Driver
Code
AT9029/DRIVER
Description
ATOM 9W LED Driver
Constant Current Dimmable
30-40Vdc 230mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com