Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12421 Datasheet(PDF) 2 Page - Atom Lighting

Part # 12421
Description  AT9034 TRI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

12421 Datasheet(HTML) 2 Page - Atom Lighting

  12421 Datasheet HTML 1Page - Atom Lighting 12421 Datasheet HTML 2Page - Atom Lighting 12421 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COLOUR TEMPERATURE
Warm White (3000 K)
875 lm
Cool White (4000 K)
930 lm
DayLight (5700 K)
940 lm
DRIVER
Dimmable
Yes
Driver Included
Yes
Integrated Driver
No
Driver Type
Dimmable ( Phase cut)
Wiring Type
Re-wireable Flex & Plug (2
pin)
COMPLIANCE
Standards
AS/NZS 60598.1
AS/NZS 60598.2.2
AS/NZS 61347.1
AS/NZS 61347.2.13
AS CISPR 15
WARRANTY
Domestic Use Warranty
3 (Yr) RTB
VIP Warranty
2 Onsite, 3 RTB (Total 5
Years)
VIP warranty is available to registered users and is subjected
to additional terms and conditions.
DIMENSIONS
Cutout
90 mm
Product Diameter
110 mm
Product Height
38 mm
LINE DRAWINGS
AT9034/TRI
PHOTOMETRICS
AT9034/TRI/5700K
AT9034/TRI/4000K
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com