Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0830CSSC11SMKA1-CP2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # AR0830CSSC11SMKA1-CP2
Description  1/2.9-inch 8 MP CMOS Digital Image Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0830CSSC11SMKA1-CP2 Datasheet(HTML) 3 Page - ON Semiconductor

  AR0830CSSC11SMKA1-CP2 Datasheet HTML 1Page - ON Semiconductor AR0830CSSC11SMKA1-CP2 Datasheet HTML 2Page - ON Semiconductor AR0830CSSC11SMKA1-CP2 Datasheet HTML 3Page - ON Semiconductor AR0830CSSC11SMKA1-CP2 Datasheet HTML 4Page - ON Semiconductor AR0830CSSC11SMKA1-CP2 Datasheet HTML 5Page - ON Semiconductor AR0830CSSC11SMKA1-CP2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AR0830
www.onsemi.com
3
Table 2. 10-bit MODES OF OPERATION
Mode Name
Mode Description
Resolution
Frame Rate
Native
4K Linear Full Res
3840 x 2160
60
Native
4K Linear Full Res, Lower Frame
Rate
3840 x 2160
30
SLP Native
4K Linear Full Res, Lowest Power
3840 x 2160
1
LI Native
4K 2-exp LI-HDR
3840 x 2160
30
eDR Native
4K eDR
3840 x 2160
30
Max Frame Rate
Crop Linear for Max Fps
1650 x 1650
90
Bin2
2 MP Linear
1920 x 1080
120
Bin4
0.5 MP Linear
960 x 540
1
WOM Bin4
Wake On Motion w/ Streaming
960 x 540
1
Table 3. 12-bit MODES OF OPERATION
Mode Name
Mode Description
Resolution
Frame Rate
eDR Native
4K eDR
3840 x 2160
30
Table 4. ORDERING INFORMATION
Part Number
Product Description
Orderable Product Attribute Description
AR0830CSSC11SMKA1-CP
8 MP 1/2.9” CMOS Image sensor RGB 11 CRA
CSP with Protective Film
AR0830CSSC11SMKA1-CP2
8 MP 1/2.9” CMOS Image sensor RGB 11 CRA
CSP with Protective Film Low MOQ
AR0830CSSC11SMKAH3-GEVB
8 MP 1/2.9” CMOS Image sensor RGB 11 CRA
Demo3 Headboard
AR0830CSSM11SMKA1-CP
8 MP 1/2.9” CMOS Image sensor Mono 11 CRA
CSP with Protective Film
AR0830CSSM11SMKA1-CP2
8 MP 1/2.9” CMOS Image sensor Mono 11 CRA
CSP with Protective Film Low MOQ
AR0830CSSM11SMKAH3-GEVB
8 MP 1/2.9” CMOS Image sensor Mono 11 CRA
Demo3 Headboard
AR0830CSSH11SMKA1-CP
8 MP 1/2.9” CMOS Image sensor RGBIR 11 CRA
CSP with Protective Film
AR0830CSSH11SMKA1-CP2
8 MP 1/2.9” CMOS Image sensor RGBIR 11 CRA
CSP with Protective Film Low MOQ
AR0830CSSH11SMKAH3-GEVB
8 MP 1/2.9” CMOS Image sensor RGBIR 11 CRA
Demo3 Headboard
AR0830CSSC35SMKA1-CP
8 MP 1/2.9” CMOS Image sensor RGB 35 CRA
CSP with Protective Film
AR0830CSSC35SMKA1-CP2
8 MP 1/2.9” CMOS Image sensor RGB 35 CRA
CSP with Protective Film Low MOQ
AR0830CSSC35SMKAH3-GEVB
8 MP 1/2.9” CMOS Image sensor RGB 35 CRA
Demo3 Headboard
AR0830CSSH35SMKA1-CP
8 MP 1/2.9” CMOS Image sensor RGBIR 35 CRA
CSP with Protective Film
AR0830CSSH35SMKA1-CP2
8 MP 1/2.9” CMOS Image sensor RGBIR 35 CRA
CSP with Protective Film Low MOQ
AR0830CSSH35SMKAH3-GEVB
8 MP 1/2.9” CMOS Image sensor RGBIR 35 CRA
Demo Headboard
3. Refer to AR0830 Die Data Sheet for Die Part Numbers & Ordering Information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com