Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0113SMB Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAPSS0113SMB
Description  DECT Power Amplifier 1880 - 1930 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0113SMB Datasheet(HTML) 4 Page - Tyco Electronics

  MAAPSS0113SMB Datasheet HTML 1Page - Tyco Electronics MAAPSS0113SMB Datasheet HTML 2Page - Tyco Electronics MAAPSS0113SMB Datasheet HTML 3Page - Tyco Electronics MAAPSS0113SMB Datasheet HTML 4Page - Tyco Electronics MAAPSS0113SMB Datasheet HTML 5Page - Tyco Electronics MAAPSS0113SMB Datasheet HTML 6Page - Tyco Electronics MAAPSS0113SMB Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
4
DECT Power Amplifier
1880 - 1930 MHz
M/A-COM Products
Rev. V1
MAAPSS0113
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
POUT, PAE, ICC vs. PIN @ 2.4 V, 1900 MHz
High Power Mode Typical Performance, VM = 1.7 V (using the supplied sample board BOM)
POUT, PAE, ICC vs. VCC @ 1900 MHz
POUT vs. Temperature @ 1900 MHz, PIN = 0 dBm
ICC vs. Temperature @ 1900 MHz, PIN = 0 dBm
POUT, 2fo, 3fo vs. PIN @ 2.4 V
POUT, PAE, ICC vs. Frequency @ VCC = 2.4 V, PIN = 0 dBm
0
10
20
30
40
50
0.0
0.1
0.2
0.3
0.4
0.5
-15
-10
-5
0
5
P
IN
(dBm)
P
OUT
PAE
I
CC
20
22
24
26
28
-20
-10
0
1020
3040506070
Vcc = 3.0 V
Vcc = 2.4 V
Vcc = 2.0 V
Temperature (°C)
0
10
20
30
40
50
0.0
0.1
0.2
0.3
0.4
0.5
1880
1890
1900
1910
1920
1930
Frequency (MHz)
PAE
P
OUT
I
CC
0
10
20
30
40
50
0.0
0.1
0.2
0.3
0.4
0.5
1.5
2.0
2.5
3.0
3.5
V
CC
(Volts)
P
OUT
I
CC
PAE
-40
-30
-20
-10
0
10
20
30
-15
-10
-5
0
5
P
IN
(dBm)
P
OUT
2f
o
3f
o
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-20
-10
0
102030
40506070
Vcc = 3.0 V
Vcc = 2.4 V
Vcc = 2.0 V
Temperature (°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com