Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK33 Datasheet(PDF) 2 Page - Standex Electronics, Inc.

Part # MK33
Description  MK33 Series Reed Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

MK33 Datasheet(HTML) 2 Page - Standex Electronics, Inc.

  MK33 Datasheet HTML 1Page - Standex Electronics, Inc. MK33 Datasheet HTML 2Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA: +1 866.782.6339 | salesusa@standexmeder.com
EMEA: +49 7733/9253200 | salesemea@standexmeder.com
APAC: +86 21/37606000 | salesasia@standexmeder.com
standexelectronics.com
Series Datasheet
Version 01
May 2024
Page
S. Knoblauch
2
MK33 Series Reed Sensors
MK33 Reed Sensor
Dimensions (mm) and Lead Specifications
Overall Length
13 - 17.95
Lead Dia.
0.90 - 0.95
Glass Length
10 - 14
Lead Design
compact
Glass Dia.
2 - 2.2
Layout
Top View
Please note: All technical specifications on this series datasheet refer to the standard product range. Modifications in the sense of technical progress are reserved. For
general information only. For more specific information, please consult the product datasheet, available upon request.
This series datasheet could contain technical inaccuracies or typographical errors. Changes are periodically made to the information herein. These change will be
incorporated in future revisions.
For deviating values, most current specifications and products please contact your nearest sales office.
Glossary Magnetic Sensitivity
Sensitivity
A
B
C
D
E
F
G
AT
05-10 10-15 15-20 20-25 25-30 30-35 35-40
Environmental Data
Unit
Shock Resistance (max.)
1/2 sine, duration 11ms, in 3 axis
50
g
Vibration Resistance (max.)
20
g
Operating Temperature
-40 to 130
°C
Storage Temperature
-55 to 130
°C
Soldering Temperature (max.) 5 sec. max.
260
°C
Handling & Assembly Instructions
Use proper lead clamping or heat sinking techniques to prevent
mechanical and/or heat stress during, soldering, and welding
Mechanical shock as the result of dropping the reed sensor
typically from greater than 12” may change its magnetic
sensitivity and/or destroy the sensor
Reflow Soldering Conditions according to JEDEC norm J-STD-
020D.1
Glossary Contact Form
Form A
NO = Normally Open Contacts
SPST = Single Pole Single Throw
Form B
NC = Normally Closed Contacts
SPST = Single Pole Single Throw
Form C
Changeover
SPDT = Single Pole Double Throw
Life Test Data
*Load increase reduces life expectancy of Reed Switches
Typical Number of Operations
KSK-1A87
100V/10mA
20V/500mA
10V/100mA
10V/4mA
<5V/10mA
1,E+05
1,E+06
1,E+07
1,E+08
1,E+09
1,E+10
Life Test Data
*Load increase reduces life expectancy of Reed Switches
Load
Typical Number of Operations
KSK-1A66
100V/10mA
20V/500mA
10V/100mA
10V/4mA
<5V/10mA
1,E+05
1,E+06
1,E+07
1,E+08
1,E+09
1,E+10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com