Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT10GC Datasheet(PDF) 2 Page - Bookham, Inc.

Part # AT10GC
Description  10Gb/s surface mount coplanar APD preamp receiver for low OSNR applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

AT10GC Datasheet(HTML) 2 Page - Bookham, Inc.

  AT10GC Datasheet HTML 1Page - Bookham, Inc. AT10GC Datasheet HTML 2Page - Bookham, Inc. AT10GC Datasheet HTML 3Page - Bookham, Inc. AT10GC Datasheet HTML 4Page - Bookham, Inc. AT10GC Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
2
Operating Characteristics
Case Temperature = 25°C unless otherwise specified
Notes:
[1] Optical Wavelength between 1525-1575nm. Data to 1610nm available on request.
[2] Measured with 9.95Gb/s, extinction ratio > 12dB, Q factor > 30, 50% crossing level, 1550nm.
[3] Load impedance is 50
Ω AC-coupled with a return loss > 20dB, up to 20GHz.
[4] Excludes APD responsivity.
[5] Differential.
[6] Single ended.
Parameter
Symbol
Measurement
Min
Typ
Max
Unit
Conditions
Optical sensitivity BOL
[1] [2]
Sens
231-1 PRBS
-26.5
-24.5
dBm
BER<10-12
V
optimal = VM10
Sensitivity penalty EOL
231-1 PRBS
0.75
1.0
dB
over temperature
[1] [2]
BER<10-12
V
optimal = VM10
T=-40 to +85°C
Deviation from linear phase
DC - 6GHz
-10
+10
°
High frequency -3dB corner
f
H
V
APD=VM10
7
GHz
Small signal
Low frequency -3dB corner
f
L
40
kHz
Transimpedance gain
[3] [4] [5]
T
Z
Small signal
1.1
1.4
2.5
k
Ω
Maximum output voltage
[6]
V
OUT
Peak-to-peak
500
700
mV
Return loss
S
22
DC to 8.0GHz
-8
dB
Optical overload
[2]
P
SAT
231-1 PRBS
-3
-1
dBm
V
APD=VM3
BER<10-12
APD breakdown voltage
V
br
I
APD=10µA
20
40
V
APD breakdown voltage
T
Vbr
0.030
0.061
V/°C
temperature coefficient
Dark current
I
d
At 90% of V
br
100
nA
Amplifier bias current
I
ee
75
90
mA
Input current for
I
In lim
Peak-to-peak
1000
uA
output limiting
Transimpedance amp
V
ee
-5.2
V
supply voltage
Thermistor resistance
R
TH
10
k
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com