Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1065ACUI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1065ACUI
Description  Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1065ACUI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1065ACUI Datasheet HTML 2Page - Maxim Integrated Products MAX1065ACUI Datasheet HTML 3Page - Maxim Integrated Products MAX1065ACUI Datasheet HTML 4Page - Maxim Integrated Products MAX1065ACUI Datasheet HTML 5Page - Maxim Integrated Products MAX1065ACUI Datasheet HTML 6Page - Maxim Integrated Products MAX1065ACUI Datasheet HTML 7Page - Maxim Integrated Products MAX1065ACUI Datasheet HTML 8Page - Maxim Integrated Products MAX1065ACUI Datasheet HTML 9Page - Maxim Integrated Products MAX1065ACUI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Low-Power, 14-Bit Analog-to-Digital Converters
with Parallel Interface
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(AVDD = DVDD = 5V, external reference = 4.096V, CREF = 1µF, CREFADJ = 0.1µF, TA = +25°C, unless otherwise noted.)
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (kHz)
10
1
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-110
0.1
100
SAMPLE RATE = 165ksps
SPURIOUS-FREE DYNAMIC RANGE
vs. FREQUENCY
FREQUENCY (kHz)
10
1.0
10
20
30
40
50
60
70
80
90
100
110
0
0.1
100
SAMPLE RATE = 165ksps
FFT AT 1kHz
FREQUENCY (kHz)
60
40
20
-120
-100
-80
-60
-40
-20
0
-140
080
SAMPLE RATE = 165ksps
Pin Description
PIN
NAME
MAX1065
MAX1066
MAX1065
MAX1066
FUNCTION
11
D6
D4/D12
Three-State Digital Data Output
22
D7
D5/D13
Three-State Digital Data Output. D13 is the MSB.
3
3
D8
D6/0
Three-State Digital Data Output
4
4
D9
D7/0
Three-State Digital Data Output
5
—
D10
—
Three-State Digital Data Output
6
—
D11
—
Three-State Digital Data Output
7
—
D12
—
Three-State Digital Data Output
8
—
D13
—
Three-State Digital Data Output (MSB)
95
R/
C
Read/
Convert Input. Power up and put the MAX1065/MAX1066 in acquisition
mode by holding R/
C low during the first falling edge of CS. During the
second falling edge of
CS the level on R/C determines whether the reference
and reference buffer power down or remain on after conversion. Set R/
C high
during the second falling edge of
CS to power down the reference and buffer,
or set R/
C low to leave the reference and buffer powered up. Set R/C high
during the third falling edge of
CS to put valid data on the bus.
10
6
EOC
End Of Conversion.
EOC drives low when conversion is complete.
11
7
AVDD
Analog Supply Input. Bypass with a 0.1µF capacitor to AGND.
12
8
AGND
Analog Ground. Primary analog ground (star ground).
13
9
AIN
Analog Input
14
10
AGND
Analog Ground. Connect Pin 14 to Pin 12 (MAX1065). Connect Pin 10 to Pin 8
(MAX1066).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com