Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1065AEUI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1065AEUI
Description  Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1065AEUI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1065AEUI Datasheet HTML 1Page - Maxim Integrated Products MAX1065AEUI Datasheet HTML 2Page - Maxim Integrated Products MAX1065AEUI Datasheet HTML 3Page - Maxim Integrated Products MAX1065AEUI Datasheet HTML 4Page - Maxim Integrated Products MAX1065AEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1065AEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1065AEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1065AEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1065AEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Low-Power, 14-Bit Analog-to-Digital Converters
with Parallel Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = 5V, external reference = 4.096V, CREF = 1µF, CREFADJ = 0.1µF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INTERNAL REFERENCE
REF Output Voltage
VREF
4.056
4.096
4.136
V
REF Output Tempco
TCREF
±35
ppm/°C
REF Short-Circuit Current
IREFSC
±10
mA
Capacitive Bypass at REFADJ
CREFADJ
0.1
µF
Capacitive Bypass at REF
CREF
1µF
REFADJ Input Leakage Current
IREFADJ
20
µA
EXTERNAL REFERENCE
REFADJ Buffer Disable
Threshold
To power-down the internal reference
AVDD -
0.4
AVDD -
0.1
V
REF Input Voltage Range
Internal reference disabled
3.8
AVDD
V
VREF = 4.096V, fSAMPLE = 165ksps
62
120
REF Input Current
IREF
Shutdown mode
±0.1
µA
DIGITAL INPUTS/OUTPUTS (
CS, R/C, EOC, D0–D13, RESET, HBEN)
Input High Voltage
VIH
0.7 x
DVDD
Input Low Voltage
VIL
0.3 x
DVDD
V
Input Leakage Current
IIN
VIH = 0 or DVDD
±0.1
±1
µA
Input Hysteresis
VHYST
0.1
V
Input Capacitance
CIN
15
pF
Output High Voltage
VOH
ISOURCE = 0.5mA,
DVDD = 2.7V to 5.25V,
AVDD = 5.25V
DVDD -
0.4
V
Output Low Voltage
VOL
ISINK = 1.6mA,
DVDD = 2.7V to 5.25V,
AVDD = 5.25V
0.4
V
Three-State Leakage Current
IOZ
D0–D13
±0.1
±10
µA
Three-State Output
Capacitance
COZ
15
pF
POWER REQUIREMENTS
Analog Supply Voltage
AVDD
4.75
5.25
V
Digital Supply Voltage
DVDD
2.7
AVDD
V
165ksps
2.7
3.2
100ksps
2.0
10ksps
1.0
Internal reference
1ksps
1.0
165ksps
1.8
2.3
100ksps
1.1
10ksps
0.1
Analog Supply Current
IAVDD
External reference
1ksps
0.01
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com