Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1065CEUI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1065CEUI
Description  Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1065CEUI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1065CEUI Datasheet HTML 1Page - Maxim Integrated Products MAX1065CEUI Datasheet HTML 2Page - Maxim Integrated Products MAX1065CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX1065CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX1065CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1065CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1065CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1065CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1065CEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX1065/MAX1066 14-bit, low-power successive
approximation analog-to-digital converters (ADCs) fea-
ture automatic power-down, a factory-trimmed internal
clock, and a high-speed, 14-bit-wide (MAX1065) or
byte-wide (MAX1066) parallel interface. The devices
operate from a single 4.75V to 5.25V analog supply and
a 2.7V to 5.25V digital supply.
The MAX1065/MAX1066 use an internal 4.096V refer-
ence or an external reference. The MAX1065/MAX1066
consume only 1.8mA at a sampling rate of 165ksps with
external reference and 2.7mA with internal reference.
AutoShutdown™ reduces supply current to 0.1mA at
10ksps.
The MAX1065/MAX1066 are ideal for high-performance,
battery-powered, data-acquisition applications.
Excellent dynamic performance and low-power con-
sumption in a small package make the MAX1065/
MAX1066 the best choice for circuits with demanding
power consumption and space requirements.
The 14-bit-wide MAX1065 is available in a 28-pin TSSOP
package, and the byte-wide MAX1066 is available in a
20-pin TSSOP package. Both devices are available in
either the 0°C to +70°C commercial, or the -40°C to
+85°C extended temperature range.
Applications
Features
o 14-Bit-Wide (MAX1065) and Byte-Wide (MAX1066)
Parallel Interface
o High Speed: 165ksps Sample Rate
o Accurate: ±1LSB DNL (max), ±1LSB INL (max)
o 4.096V, 35ppm/°C Internal Reference
o External Reference Range 3.8V to 5.25V
o Single 4.75V to 5.25V Analog Supply Voltage
o 2.7V to 5.25V Digital Supply Voltage
o Low Supply Current
1.8mA (External Reference)
2.7mA (Internal Reference)
0.1mA AutoShutdown Mode (10ksps, External
Reference)
o Small Footprint
28-Pin TSSOP Package (14-Bit Wide)
20-Pin TSSOP Package (Byte Wide)
Low-Power, 14-Bit Analog-to-Digital Converters
with Parallel Interface
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
ANALOG INPUT
D0–D13
EOC
REFADJ
REF
DGND
AGND
RESET
CS
R/C
AIN
AVDD
DVDD
MAX1065
0.1
µF
0.1
µF
5V ANALOG
5V DIGITAL
0.1
µF1µF
µP DATA
BUS
Typical Operating Circuit
19-2466; Rev 0; 4/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations appear at end of data sheet.
AutoShutdown is a registered trademark of Maxim Integrated
Products, Inc.
PART
TEMP RANGE
PIN-
PACKAGE
INL
MAX1065ACUI
0°C to 70°C
28 TSSOP
±1
MAX1065BCUI
0°C to 70°C
28 TSSOP
±2
MAX1065CCUI
0°C to 70°C
28 TSSOP
±3
MAX1065AEUI
-40°C to +85°C
28 TSSOP
±1
MAX1065BEUI
-40°C to +85°C
28 TSSOP
±2
MAX1065CEUI
-40°C to +85°C
28 TSSOP
±3
MAX1066ACUP
0°C to 70°C
20 TSSOP
±1
MAX1066BCUP
0°C to 70°C
20 TSSOP
±2
MAX1066CCUP
0°C to 70°C
20 TSSOP
±3
MAX1066AEUP
-40°C to +85°C
20 TSSOP
±1
MAX1066BEUP
-40°C to +85°C
20 TSSOP
±2
MAX1066CEUP
-40°C to +85°C
20 TSSOP
±3
Temperature
Sensor/Monitor
Industrial Process
Control
I/O Boards
Data-Acquisition
Systems
Cable/Harness Tester
Accelerometer
Measurements
Digital Signal Processing


Similar Part No. - MAX1065CEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1065CEUI MAXIM-MAX1065CEUI Datasheet
371Kb / 14P
Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
Rev 1; 6/09
More results

Similar Description - MAX1065CEUI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
logo
Maxim Integrated Produc...
MAX1165-MAX1166 MAXIM-MAX1165-MAX1166 Datasheet
278Kb / 15P
Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
logo
Texas Instruments
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Maxim Integrated Produc...
MAX1165 MAXIM-MAX1165 Datasheet
182Kb / 15P
Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
Rev 2; 8/08
MAX1065 MAXIM-MAX1065_09 Datasheet
371Kb / 14P
Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
Rev 1; 6/09
logo
Intronics Power, Inc.
DAS1157 INTRONICS-DAS1157 Datasheet
904Kb / 4P
Low Power 14-Bit, 15-Bit & 16-Bit Sampling Analog-to-Digital Converters
logo
Texas Instruments
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Analog Devices
ADC1130 AD-ADC1130_15 Datasheet
1Mb / 4P
14-Bit High Speed, Analog To-Digital Converters
logo
Texas Instruments
TLC1550I TI1-TLC1550I_15 Datasheet
863Kb / 18P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com