Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH88634-2 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MH88634-2
Description  Central Office Interface Circuit Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88634-2 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MH88634-2 Datasheet HTML 1Page - Mitel Networks Corporation MH88634-2 Datasheet HTML 2Page - Mitel Networks Corporation MH88634-2 Datasheet HTML 3Page - Mitel Networks Corporation MH88634-2 Datasheet HTML 4Page - Mitel Networks Corporation MH88634-2 Datasheet HTML 5Page - Mitel Networks Corporation MH88634-2 Datasheet HTML 6Page - Mitel Networks Corporation MH88634-2 Datasheet HTML 7Page - Mitel Networks Corporation MH88634-2 Datasheet HTML 8Page - Mitel Networks Corporation MH88634-2 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MH88634-2
Preliminary Information
2-266
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1
TIP
Tip Lead. Connects to the "Tip" lead of a Telephone Line.
2
RING
Ring Lead. Connects to the "Ring" lead of a Telephone Line.
3
XLA
Loop Relay Contact A. Connects to XLB through the Loop relay (K1) contacts when the
relay is activated.
4
XLD
Loop Relay Contact D. Connects to XLC through the loop relay (K1) contacts, when the
relay is activated.
5
XLB
Loop Relay Contact B. Connects to XLA through the loop relay (K1) contacts, when the
relay is activated.
6
XLC
Loop Relay Contact C. Connects to XLD through the loop relay (K1) contacts, when the
relay is activated.
7-9
IC
Internal Connection. No connection should be made to this pin.
10
SHK
Switch Hook (Output). A logic 0 indicates the presence of forward or reverse battery
voltage when LRC is logic 0 and the presence of forward or reverse loop current when LRC
is logic 1.
11
RX
Receive (Input). 4-Wire ground (AGND) referenced analog input.
12
VEE
Negative Supply Voltage. -5V DC
13
TX
Transmit (Output). 4-Wire ground (AGND) referenced analog output.
14
RV
Ringing Voltage Detect (Output). A logic low indicates that ringing voltage is across the Tip
and Ring leads.
15
FL
Forward Loop Detect (Output). In the on-hook state, a logic 0 output indicates that
forward loop battery is present. In the off-hook state, a logic 0 indicates that forward loop
current is present.
16
RL
Reverse Loop Detect (Output). In the on-hook state, a logic 0 output indicates that
reverse loop battery is present. In the off-hook state, a logic 0 output indicates that reverse
loop current is present.
17
VCC
Positive Supply Voltage. +5V DC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
TIP
RING
XLA
XLB
XLC
IC
IC
IC
RX
VEE
TX
RV
FL
RL
VCC
AGND
LRC
VRLY
LRD
21
XLD
SHK
21
20
19
18
17
16
15
14
13
12
11
10
9
8
6
5
4
3
2
1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com