Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 218 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 218 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 214Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 215Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 216Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 217Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 218Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 219Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 220Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 221Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 222Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-46
Freescale Semiconductor
4.3.3
Periodic Interrupt Registers
The periodic interrupt registers are described in the following sections.
4.3.3.1
Periodic Interrupt Status and Control Register (PISCR)
The periodic interrupt status and control register (PISCR), shown in Figure 4-38, contains the interrupt
request level and the interrupt status bit. It also contains the controls for the 16 bits to be loaded in a
modulus counter.
Table 4-21 describes PISCR fields.
0
7
8
9
12
13
14
15
Field
—
PS
—
PIE
PTF
PTE
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10240
Figure 4-38. Periodic Interrupt Status and Control Register (PISCR)
Table 4-21. PISCR Field Descriptions
Bits
Name
Description
0–7
—
Reserved, should be cleared.
8
PS
Periodic interrupt status. Asserted if the PIT issues an interrupt. The PIT issues an interrupt after the
modulus counter counts to zero. The PS bit can be negated by writing a one to PS. A write of zero has
no effect on this bit.
9–12
—
Reserved, should be cleared.
13
PIE
Periodic interrupt enable. If PIE = 1, the periodic interrupt timer generates an interrupt when PS = 1.
14
PTF
Periodic interrupt frequency. The input clock to the periodic interrupt timer may be either 4 MHz or
32 KHz. The user should set the PTF bit according to the frequency of this clock.
0 The input clock to the periodic interrupt timer is 4 MHz.
1 The input clock to the periodic interrupt timer is 32 KHz.
See Section 4.1.2, “Timers Clock,” for further details
15
PTE
Periodic timer enable. This bit controls the counting of the periodic interrupt timer. When the timer is
disabled, it maintains its old value. When the counter is enabled, it continues counting using the
previous value.
0 Disable counter.
1 Enable counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com