Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 222 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 222 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 218Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 219Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 220Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 221Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 222Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 223Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 224Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 225Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 226Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-50
Freescale Semiconductor
4.3.4.2
PCI Mask Register (PCIMSKx)
Figure 4-42 shows the PCI mask register.
Figure 4-42. PCI Mask Register (PCIMSKx)
Table 4-25 describes PCIMSKx fields.
4.4
SIU Pin Multiplexing
Some functions share pins. The actual pinout of the MPC8280 is shown in the hardware specifications.
The control of the actual functionality used on a specific pin is shown in Table 4-26.
0
15
Field
AM
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x101C4 (PCIBR0); 0x101C8 (PCIBR1)
16
17
31
Field
AM
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x101C6 (PCIBR0); 0x101CA (PCIBR1)
Table 4-25. PCIMSKx Field Descriptions
Bits
Name
Description
31–17
—
Reserved. Should be cleared.
16–0
AM
Address Mask. Masks corresponding PCIBRx bits.
0 Corresponding address bits are masked.
1 Corresponding address bits are compared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com