Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 226 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 226 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 222Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 223Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 224Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 225Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 226Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 227Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 228Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 229Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 230Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 1386 page
background image
Reset
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
5-2
Freescale Semiconductor
5.1.1
Reset Actions
The reset block has a reset control logic that determines the cause of reset, synchronizes it if necessary, and
resets the appropriate logic modules. The memory controller, system protection logic, interrupt controller,
and parallel I/O pins are initialized only on hard reset. Soft reset initializes the internal logic while
maintaining the system configuration. Because there is no soft nor hard reset in the 603e core, asserting
external SRESET generates a reset to the 603e core and a soft reset to the remainder of the device, The
impact on the given application is the reset to the core resets the MSR[IP] to the value in the HRCW[CIP],
see Table 5-7.
Table 5-2 identifies reset actions for each reset source.
5.1.2
Power-On Reset Flow
Assertion of the PORESET external pin initiates the power-on reset flow. PORESET should be asserted
externally for at least 16 input clock cycles after external power to the chip reaches at least 2/3 Vcc. The
value driven on RSTCONF while PORESET changes from assertion to negation determines the chip
configuration. If RSTCONF is negated (driven high) while PORESET changes, the chip acts as a
configuration slave. If RSTCONF is asserted while PORESET changes, the chip acts as a configuration
master. Section 5.4, “Reset Configuration,” explains the configuration sequence and the terms
‘configuration master’ and ‘configuration slave.’
Directly after the negation of PORESET and choice of the reset operation mode as configuration master
or configuration slave, the MPC8280 starts the configuration process. The MPC8280 asserts HRESET and
SRESET throughout the power-on reset process, including configuration. Configuration takes 1,024
CLOCKIN cycles, after which MODCK[1–3] are sampled to determine the chips working mode. Next the
MPC8280 halts until the main PLL locks. As described in Section 10.6, “Clock Configuration Modes,” the
main PLL locks according to MODCK[1–3], which are sampled, and to MODCK_HI (MODCK[4–7])
taken from the reset configuration word. The main PLL lock can take up to 200 µs depending on the
specific chip. During this time HRESET and SRESET are asserted. When the main PLL is locked, the
clock block starts distributing clock signals in the chip. HRESET remains asserted for another 512 clocks
and is then released. The SRESET is released three clocks later.
Table 5-2. Reset Actions for Each Reset Source
Reset Source
Reset Logic
and PLL
States Reset
System
Configuration
Sampled
Clock
Module
Reset
HRESET
Driven
Other
Internal
Logic Reset1
1 Includes all other CPM and core logic not explicitly noted elsewhere in the table.
SRESET
Driven
Core
Reset
Power-on reset
Yes
Yes
Yes
Yes
Yes
Yes
Yes
External hard reset
Software watchdog
Bus monitor
Checkstop
No
Yes
Yes
Yes
Yes
Yes
Yes
JTAG reset
External soft reset
No
No
No
No
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com