Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 228 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 228 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 224Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 225Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 226Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 227Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 228Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 229Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 230Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 231Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 232Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 1386 page
background image
Reset
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
5-4
Freescale Semiconductor
5.2
Reset Status Register (RSR)
The reset status register (RSR), shown in Figure 5-2, is memory-mapped into the MPC8280’s SIU register
map.
Table 5-3 describes RSR fields.
0
15
Field
—
R/W
R/W
Reset
0000_0000_0000_0000
Addr
0x10C90
16
25
26
27
28
29
30
31
Field
—
JTRS CSRS
SWRS
BMRS ESRS EHRS
R/W
R/W
Reset
0000_0000_0000_0011
Addr
0x10C92
Figure 5-2. Reset Status Register (RSR)
Table 5-3. RSR Field Descriptions
Bits
Name
Function
0–25
—
Reserved, should be cleared.
26
JTRS
JTAG reset status. When the JTAG reset request is set, JTRS is set and remains set until software
clears it. JTRS is cleared by writing a 1 to it (writing zero has no effect).
0 No JTAG reset event occurred
1 A JTAG reset event occurred
27
CSRS
Check stop reset status. When the core enters a checkstop state and the checkstop reset is enabled
by the RMR[CSRE], CSRS is set and it remains set until software clears it. CSRS is cleared by
writing a 1 to it (writing zero has no effect).
0 No enabled checkstop reset event occurred
1 An enabled checkstop reset event occurred
28
SWRS Software watchdog reset status. When a software watchdog expire event (which causes a reset) is
detected, the SWRS bit is set and remains that way until the software clears it. SWRS is cleared by
writing a 1 to it (writing zero has no effect).
0 No software watchdog reset event occurred
1 A software watchdog reset event has occurred
29
BMRS Bus monitor reset status. When a bus monitor expire event (which causes a reset) is detected,
BMRS is set and remains set until the software clears it. BMRS can be cleared by writing a 1 to it
(writing zero has no effect).
0 No bus monitor reset event has occurred
1 A bus monitor reset event has occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com