Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 227 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 227 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 223Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 224Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 225Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 226Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 227Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 228Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 229Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 230Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 231Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 1386 page
background image
Reset
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
5-3
Figure 5-4 shows the power-on reset flow.
Figure 5-1. Power-on Reset Flow
5.1.3
HRESET Flow
The HRESET flow may be initiated externally by asserting HRESET or internally when the chip detects
a reason to assert HRESET. In both cases the chip continues asserting HRESET and SRESET throughout
the HRESET flow. The HRESET flow begins with the hard reset configuration sequence, which
configures the chip as explained in Section 5.4, “Reset Configuration.” After the chip asserts HRESET and
SRESET for 1,024 input clock cycles, it releases both signals and exits the HRESET flow. An external
pull-up resistor should negate the signals. After negation is detected, a 16-cycle period is taken before
testing the presence of an external (hard/soft) reset.
5.1.4
SRESET Flow
The SRESET flow may be initiated externally by asserting SRESET or internally when the chip detects a
cause to assert SRESET. In both cases the chip asserts SRESET for 512 input clock cycles, after which the
chip releases SRESET and exits the SRESET flow. An external pull-up resistor should negate SRESET;
after negation is detected, a 16-cycle period is taken before testing the presence of an external (hard/soft)
reset. While SRESET is asserted, internal hardware is reset but hard reset configuration does not change.
PORESET
PORESET
Internal
HRESET
Input
Output
SRESET
Output
External
pin is
asserted
for min 16
RSTCONF is sampled for
master determination
MODCK[1–3] are
sampled. MODCK_HI
bits are ready for PLL
PLL is locked (no
external indication)
HRESET /SRESET are
extended for 512/515
CLKIN (respectively), from
PLL lock time.
PLL locking period
PORESET to internal logic is
extended for 1024 CLKIN.
In reset configuration mode:
reset configuration
sequence occurs in this
period.
Interval depends on
PLL locking time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com