Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 225 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 225 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 221Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 222Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 223Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 224Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 225Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 226Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 227Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 228Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 229Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
5-1
Chapter 5
Reset
The MPC8280 has several inputs to the reset logic:
•
Power-on reset (PORESET)
•
External hard reset (HRESET)
•
External soft reset (SRESET)
•
Software watchdog reset
•
Bus monitor reset
•
Checkstop reset
•
JTAG reset
All of these reset sources are fed into the reset controller and, depending on the source of the reset, different
actions are taken. The reset status register, described in Section 5.2, “Reset Status Register (RSR),”
indicates the last sources to cause a reset.
5.1
Reset Causes
Table 5-1 describes reset causes.
Table 5-1. Reset Causes
Name
Description
Power-on reset
(PORESET)
Input pin. Asserting this pin initiates the power-on reset flow that resets all the chip and configures
various attributes of the chip including its clock mode.
Hard reset
(HRESET)
This is a bidirectional I/O pin. The MPC8280 can detect an external assertion of HRESET only if it
occurs while the MPC8280 is not asserting reset. During HRESET, SRESET is asserted. HRESET
is an open-collector pin.
Soft reset
(SRESET)
Bidirectional I/O pin. The MPC8280 can only detect an external assertion of SRESET if it occurs
while the MPC8280 is not asserting reset. SRESET is an open-drain pin.
Software
watchdog reset
After the MPC8280’s watchdog counts to zero, a software watchdog reset is signaled. The enabled
software watchdog event then generates an internal hard reset sequence.
Bus monitor
reset
After the MPC8280’s bus monitor counts to zero, a bus monitor reset is asserted. The enabled bus
monitor event then generates an internal hard reset sequence.
Checkstop reset
If the core enters checkstop state and the checkstop reset is enabled (RMR[CSRE] = 1), checkstop
reset is asserted. The enabled checkstop event then generates an internal hard reset sequence.
JTAG reset
When JTAG logic asserts the JTAG soft reset signal, an internal soft reset sequence is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com