Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 232 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 232 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 228Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 229Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 230Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 231Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 232Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 233Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 234Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 235Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 236Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 1386 page
background image
Reset
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
5-8
Freescale Semiconductor
In a simple system that uses one stand-alone MPC8280, it is possible to use the default hard reset
configuration word (all zeros). This is done by tying RSTCONF input to VCC. Another scenario may be
a system which has no boot EPROM. In this case the user can configure the MPC8280 as a configuration
slave by driving RSTCONF to 1 during PORESET assertion and then applying a negative pulse on
RSTCONF and an appropriate configuration word on D[0–31]. In such a system, asserting HRESET in the
middle of operation causes the MPC8280 to return to the configuration programmed after PORESET
assertion (not the default configuration represented by configuration word of all zeros).
5.4.1
Hard Reset Configuration Word
The contents of the hard reset configuration word are shown in Figure 5-4.
Table 5-7 describes hard reset configuration word fields.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
15
Field EARB EXMC CDIS EBM
BPS
CIP
ISPS
L2CPC
DPPC
PLLBP
ISB
Reset
0000_0000_0000_0000
16
17
18
19
20
21
22
23
24
25
26
27
28
31
Field
BMS
BBD
MMR
LBPC
APPC
CS10PC
ALD_EN
—
MODCK_H
Reset
0000_0000_0000_0000
Figure 5-4. Hard Reset Configuration Word
Table 5-7. Hard Reset Configuration Word Field Descriptions
Bits
Name
Description
0
EARB1
External arbitration. Defines the initial value for ACR[EARB]. If EARB = 1, external arbitration is
assumed. See Section 4.3.2.2, “60x Bus Arbiter Configuration Register (PPC_ACR).”
1
EXMC
External MEMC. Defines the initial value of BR0[EMEMC]. If EXMC = 1, an external memory
controller is assumed. See Section 11.3.1, “Base Registers (BRx).”
2
CDIS1
Core disable. Defines the initial value for the SIUMCR[CDIS].
0 The core is active. See Section 4.3.2.6, “SIU Module Configuration Register (SIUMCR).”
1 The core is disabled. In this mode the MPC8280 functions as a slave.
3
EBM1
External bus mode. Defines the initial value of BCR[EBM]. See Section 4.3.2.1, “Bus
Configuration Register (BCR).”
4–5
BPS
Boot port size. Defines the initial value of BR0[PS], the port size for memory controller bank 0.
00 64-bit port size
01 8-bit port size
10 16-bit port size
11 32-bit port size
See Section 11.3.1, “Base Registers (BRx).”
6CIP1
Core initial prefix. Defines the initial value of MSR[IP]. Exception prefix. The setting of this bit
specifies whether an exception vector offset is prepended with Fs or 0s. In the following
description,
nnnnn is the offset of the exception vector.
0 MSR[IP] = 1 (default). Exceptions are vectored to the physical address 0xFFF
n_nnnn
1 MSR[IP] = 0 Exceptions are vectored to the physical address 0x000
n_nnnn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com