Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 234 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 234 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 230Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 231Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 232Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 233Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 234Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 235Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 236Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 237Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 238Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 1386 page
background image
Reset
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
5-10
Freescale Semiconductor
5.4.2
Hard Reset Configuration Examples
This section presents some examples of hard reset configurations in different systems.
5.4.2.1
Single MPC8280 with Default Configuration
This is the simplest configuration scenario. It can be used if the default values achieved by clearing the
hard reset configuration word are desired. This is applicable only for systems using single-MPC8280 bus
mode (as opposed to 60x bus mode). To enter this mode, tie RSTCONF to VCC as shown in Figure 5-5.
The MPC8280 does not access the boot EPROM; it is assumed that the default configuration is used upon
exiting hard reset.
Figure 5-5. Single Chip with Default Configuration
5.4.2.2
Single MPC8280 Configured from Boot EPROM
For a configuration that differs from the default, the MPC8280 can be used as a configuration master by
tying RSTCONF to GND as shown in Figure 5-6. The MPC8280 can access the boot EPROM. It is
assumed the configuration is as defined there upon exiting hard reset.
26
ALD_EN
CP auto load enable. Allows the CP to automatically load the essential PCI configuration
registers from the EEPROM during reset.
0 CP auto load is disabled.
1 CP auto load is enabled.
27
—
Reserved, should be cleared.
28–31
MODCK_H
High-order bits of the MODCK bus, which determine the clock reset configuration. See
Chapter 10, “Clocks and Power Control,” for details.
Note: If the device is configured to PCI mode (PCI_MODE is driven low), this field has no effect
and the value for MODCK_H is loaded directly from the MODCK_H pins. Note that the
value of the MODCK_H bits are derived from the dedicated PCI_MODCK_H[0:3] pins
when operating in PCI mode.
1 The user should exercise caution when changing this bit. This bit has an immediate effect on the external bus and
may result in unstable system operation.
Table 5-7. Hard Reset Configuration Word Field Descriptions (continued)
Bits
Name
Description
Configuration
Slave Chip
PORESET
PORESET
RSTCONF
D[0–31]
A[0–31]
HRESET
Vcc
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com