Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 237 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 237 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 233Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 234Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 235Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 236Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 237Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 238Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 239Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 240Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 241Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 1386 page
background image
Reset
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
5-13
In this system, the configuration master initially reads its own configuration word. It then reads other
configuration words and drives them to the configuration slaves by asserting RSTCONF. As Figure 5-7
shows, this complex configuration is done without additional glue logic. The configuration master controls
the whole process by asserting the EPROM control signals and the system’s address signals as needed.
5.4.2.4
Multiple MPC8280s in a System with No EPROM
In some cases, the configuration master capabilities of the MPC8280 cannot be used. This can happen for
example if there is no boot EPROM in the system or the boot EPROM is not controlled by an MPC8280.
If this occurs, the user must do one of the following:
•
Accept the default configuration,
•
Emulate the configuration master actions in external logic (where the MPC8280 is a configuration
slave).
•
The external hardware should be connected to all RSTCONF pins of the different devices and to
the upper 32 bits of the data bus. During PORESET, the rising edge the external hardware should
negate all RSTCONF inputs to put all of the devices in their configuration slave mode. For 1,024
clocks after PORESET negation, the external hardware can configure the different devices by
driving appropriate configuration words on the data bus and asserting RSTCONF for each device
to strobe the data being received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com