Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 257 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 257 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 253Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 254Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 255Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 256Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 257Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 258Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 259Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 260Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 261Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 1386 page
background image
External Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
6-15
MODCK2
AP[2]
TC[1]
BNKSEL[1]
MODCK2—Clock mode input. Defines the operating mode of internal clock circuits.
Address parity 2—(Input/output) The 60x master that drives the address bus, drives also the
address parity signals. The value driven on address parity 2 pin should give odd parity (odd
number of 1s) on the group of signals that includes address parity 2 and A[16–23].
Transfer code 1—The transfer code output pins supply information that can be useful for debug
purposes for each of the MPC8280’s initiated bus transactions.
Bank select 1—The bank select outputs are used for selecting SDRAM bank when the MPC8280
is in 60x-compatible bus mode.
MODCK3
AP[3]
TC[2]
BNKSEL[2]
MODCK3—Clock mode input. Defines the operating mode of internal clock circuits.
Address parity 3—(Input/output) The 60x master that drives the address bus, drives also the
address parity signals. The value driven on address parity 3 pin should give odd parity (odd
number of 1s) on the group of signals that includes address parity 3 and A[24—31].
Transfer code 2—The transfer code output pins supply information that can be useful for debug
purposes for each of the MPC8280’s initiated bus transactions.
Bank select 2—The bank select outputs are used for selecting SDRAM bank when the MPC8280
is in 60x-compatible bus mode. BNKSEL2 is lsb of the three BNKSEL signals.
XFC
External filter capacitance—Input connection for an external capacitor filter for PLL circuitry.
CLKIN1
Clock In—Primary clock input to MPC8280’s PLL. In a PCI system, where the MPC8280 PCI
interface is operated from the PCI bus clock, CLKIN should be connected to the PCI bus clock.
In that case, the 60x bus clock is driven on CLKOUT. See Figure 10-2 and Figure 10-3.
CLKIN2
Clock In2—This is the clock input to the MPC8280’s DLL, which is used for deskewing the output
reference clock. See Figure 10-2 and Figure 10-3.
PCI_MODE
PCI mode pin—This pin enables the PCI bridge of the MPC8280.
• When Low, the PCI bridge is enabled, PCI interface replaces the Local bus.
• When High, the PCI bridge is disabled, the MPC8280 operates with the Local bus.
This pin has an internal pull up resistor so it defaults to Local bus operation.
PA[0–31]
General-purpose I/O port A bits 0–31—CPM port multiplexing is described in Chapter 41,
“Parallel I/O Ports.”
PB[4–31]
General-purpose I/O port B bits 4–31—CPM port multiplexing is described in Chapter 41,
“Parallel I/O Ports.”
PC[0–31]
General-purpose I/O port C bits 0–31—CPM port multiplexing is described in Chapter 41,
“Parallel I/O Ports.”
PD[4–31]
General-purpose I/O port D bits 4–31—CPM port multiplexing is described in Chapter 41,
“Parallel I/O Ports.”
Power Supply
VDD—This is the power supply of the internal logic.
VDDH—This is the power supply of the I/O Buffers.
VCCSYN—This is the power supply of the PLL circuitry.
GNDSYN—This is a special ground of the PLL circuitry.
VCCSYN1—This is the power supply of the core’s PLL circuitry.
Table 6-1. External Signals (continued)
Signal
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com