Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 259 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 259 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 255Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 256Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 257Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 258Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 259Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 260Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 261Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 262Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 263Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
7-1
Chapter 7
60x Signals
This chapter describes the MPC8280 processor’s external signals. It contains a concise description of
individual signals, showing behavior when a signal is asserted and negated, when the signal is an input and
an output, and the differences in how signals work in external-master or internal-only configurations.
NOTE
A bar over a signal name indicates that the signal is active low– for example,
ARTRY (address retry) and TS (transfer start). Active-low signals are
referred to as asserted (active) when they are low and negated when they are
high. Signals that are not active-low, such as TSIZ[0–3] (transfer size
signals) and TT[0–4] (transfer type signals) are referred to as asserted when
they are high and negated when they are low.
The 60x bus signals used with MPC8280 are grouped as follows:
•
Address arbitration signals—In external arbiter mode, MPC8280 uses these signals to arbitrate for
address bus mastership. The MPC8280 arbiter uses these signals to enable an external device to
arbitrate for address bus mastership.
•
Address transfer start signals—These signals indicate that a bus master has begun a transaction on
the address bus.
•
Address transfer signals (address bus)—These signals are used to transfer the address.
•
Transfer attribute signals—These signals provide information about the type of transfer, such as
the transfer size and whether the transaction is single, single extended, bursted, write-through or
cache-inhibited.
•
Address transfer termination signals—These signals are used to acknowledge the end of the
address phase of the transaction. They also indicate whether a condition exists that requires the
address phase to be repeated.
•
Data arbitration signals—The MPC8280, in external arbiter mode, uses these signals to arbitrate
for data bus mastership. The MPC8280 arbiter uses these signals to enable an external device to
arbitrate for data bus mastership.
•
Data transfer signals—These signals, which consist of the data bus, data parity, and data parity
error signals, transfer the data and ensure its integrity.
•
Data transfer termination signals—Data termination signals are required after each data beat in a
data transfer. In a single-beat transaction, the data termination signals also indicate the end of the
tenure. For burst accesses or extended port-size accesses, the data termination signals apply to
individual beats and indicate the end of the tenure only after the final data beat.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com