Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 264 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 264 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 260Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 261Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 262Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 263Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 264Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 265Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 266Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 267Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 268Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 1386 page
background image
60x Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
7-6
Freescale Semiconductor
request if the transfer attributes TT[0–4] indicate that a data tenure is required for
the transaction.
Negated—Has no special meaning during a normal transaction.
Timing Comments
Assertion/Negation—Driven and asserted on the cycle after a qualified BG is
accepted by MPC8280; remains asserted for one clock only. Negated for the
remainder of the address tenure. Assertion is coincident with the first clock that
ABB is asserted.
High Impedance—Occurs the cycle following the assertion of AACK (same cycle
as ABB negation).
7.2.2.2
Transfer Start (TS)—Input
Following are the state meaning and timing comments for the TS input signal.
State Meaning
Asserted—Indicates that another device has begun a bus transaction and that the
address bus and transfer attribute signals are valid for snooping.
Negated—Has no special meaning.
Timing Comments
Assertion/Negation—Must be asserted for one cycle only and then immediately
negated. Assertion may occur at any time during the assertion of ABB.
7.2.3
Address Transfer Signals
In internal only mode the memory controller uses these signals for glueless address transfers to memory
and I/O devices.
The address transfer signals are used to transmit the address.
7.2.3.1
Address Bus (A[0–31])
The address bus (A[0–31]) consists of 32 signals that are both input and output signals.
7.2.3.1.1
Address Bus (A[0–31])—Output
Following are the state meaning and timing comments for the A[0–31] output signals.
State Meaning
Content—Specifies the physical address of the bus transaction. For burst or
extended operations, the address is a double-word.
Timing Comments
Assertion/Negation—Driven valid on the same cycle that TS is driven/asserted;
remains driven/valid for the duration of the address tenure.
High Impedance— Occurs the cycle following the assertion of AACK; no
precharge action performed on release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com