Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 267 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 267 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 263Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 264Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 265Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 266Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 267Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 268Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 269Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 270Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 271Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 1386 page
background image
60x Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
7-9
7.2.4.5
Caching-Inhibited (CI)—Output
The cache inhibit (CI) signal is an output signal on the MPC8280. Following are the state meaning and
timing comments for CI.
State Meaning
Asserted—Indicates that the transaction in progress should not be cached. CI
reflects the I bit (WIM bits) from the MMU except during certain transactions.
Negated—Indicates that the transaction should be cached.
Timing Comments
Assertion/Negation—Same as A[0–31].
High Impedance—Same as A[0–31].
7.2.4.6
Write-Through (WT)—Output
The write-through (WT) signal is an output signal on the MPC8280. Following are the state meaning and
timing comments for WT.
State Meaning
Asserted—Indicates that the transaction should operate in write-through mode.
WT reflects the W bit (WIM bits) from the MMU except during certain
transactions. WT may be asserted during read transactions.
Negated—Indicates that the transaction should not operate in write-through mode.
Timing Comments
Assertion/Negation—Same as A[0–31].
High Impedance—Same as A[0–31].
7.2.5
Address Transfer Termination Signals
The address transfer termination signals are used to indicate either that the address phase of the transaction
has completed successfully or must be repeated, and when it should be terminated. For detailed
information about how these signals interact, see Section 7.2.5, “Address Transfer Termination Signals.”
The address transfer termination signals have no meaning in internal only mode.
7.2.5.1
Address Acknowledge (AACK)
The address acknowledge (AACK) signal is an input/output on the MPC8280.
7.2.5.1.1
Address Acknowledge (AACK)—Output
.Following are the state meaning and timing comments for AACK as an output signal.
State Meaning
Asserted—Indicates that the address tenure of a transaction is terminated. On the
cycle following the assertion of AACK, the bus master releases the
address-tenure-related signals to the high-impedance state and samples ARTRY.
Negated—Indicates that the address bus and the transfer attributes must remain
driven, if negated during ABB.
Timing Comments
Assertion—Occurs a programmable number of clocks after TS or whenever
ARTRY conditions are resolved.
Negation—Occurs one clock after assertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com