Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 305 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 305 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 301Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 302Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 303Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 304Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 305Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 306Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 307Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 308Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 309Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
8-29
This sequence is shown in Figure 8-11. In Figure 8-11 the data bus is busy at the beginning of the
transaction, thus delaying the assertion of DBG.
Figure 8-11. Data Tenure Terminated by Assertion of TEA
The MPC8280 interprets the following bus transactions as bus errors:
•
Direct-store transactions, as indicated by the assertion of XATS.
•
Bus errors asserted by slaves (internal or external).
8.6
Memory Coherency—MEI Protocol
The MPC8280 provides dedicated hardware to ensure memory coherency by snooping bus transactions,
by maintaining information about the status of data in a cache block, and by the address retry capability.
Each data cache block includes status bits that support the modified/exclusive/invalid, or MEI,
cache-coherency protocol.
Asserting the global (GBL) output signal indicates whether the current transaction must be snooped by
other snooping devices on the bus. Address bus masters assert GBL to indicate that the current transaction
is a global access (that is, an access to memory shared by more than one device). If GBL is not asserted
for the transaction, that transaction is not snooped. When other devices detect the GBL input asserted, they
must respond by snooping any addresses broadcast. Normally, GBL reflects the M bit value specified for
the memory reference in the corresponding translation descriptor. Care must be taken to minimize the
number of pages marked as global, because the retry protocol discussed in the previous section used to
enforce coherency can require significant bus bandwidth.
CLKOUT
ADDR + ATTR
TS
AACK
DBG
TA
Data
TEA
For Single
For Burst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com