Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 302 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 302 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 298Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 299Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 300Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 301Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 302Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 303Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 304Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 305Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 306Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
8-26
Freescale Semiconductor
Figure 8-8. Single-Beat and Burst Data Transfers
8.5.4
Effect of ARTRY Assertion on Data Transfer and Arbitration
The MPC8280 allows an address tenure to overlap its associated data tenure. The MPC8280 internally
guarantees that the first TA of the data tenure is delayed to be at the same time or after the ARTRY window
(the clock after the assertion of AACK).
8.5.5
Port Size Data Bus Transfers and PSDVAL Termination
The MPC8280 can transfer data via data ports of 8, 16, 32, and 64 bits, as shown in Section 8.4.3, “Address
Transfer Attribute Signals.” Single-beat transaction sizes can be 8, 16, 32, 64, 128, and 192 bits; burst
transactions are 256 bits. Single-beat and burst transactions are divided into to a number of intermediate
beats depending on the port size. The MPC8280 asserts PSDVAL to mark the cycle in which data is
accepted. Assertion of PSDVAL in conjunction with TA marks the end of the transfer in single-beat mode.
The fourth assertion of PSDVAL in conjunction with TA signals the end of a burst transfer. Figure 8-9
shows an extended transaction of 4 words to a port size of 32 bits. The single-beat transaction is translated
to four port-sized beats.
CLKOUT
ADDR + ATTR
TS
AACK
DBG
TA
D[0–63]
PSDVAL
D0
D1
D2
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com