Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 298 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 298 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 294Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 295Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 296Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 297Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 298Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 299Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 300Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 301Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 302Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
8-22
Freescale Semiconductor
Figure 8-7. Retry Cycle
As a bus master, the MPC8280 recognizes either an early or qualified ARTRY and prevents the data tenure
associated with the retried address tenure. If the data tenure has begun, the MPC8280 terminates the data
tenure immediately even if the burst data has been received. If the assertion of ARTRY is received up to
or on the bus cycle as the first (or only) assertion of TA for the data tenure, the MPC8280 ignores the first
data beat. If it is a read operation, the MPC8280 does not forward data internally to the cache, execution
unit, or any other MPC8280 internal storage. This address retry case succeeds because the data tenure is
aborted in time, and the entire transaction is rerun. This retry mechanism allows the memory system to
begin operating in parallel with the bus snoopers, provided external devices do not present data sooner than
the bus cycle before all snoop responses can be determined and asserted on the bus.
Note that the system must ensure that ARTRY is never asserted later than the cycle of the first or only
assertion of TA (if the PCI controller can initiate global transactions, the system must ensure that ARTRY
is never asserted on the same cycle or later then the first or only assertion of TA). This guarantees the
relationship between TA and ARTRY such that, in case of an address retry, the data may be cancelled in
the chip before it can be forwarded internally to the internal memory resources (registers or cache).
Generally, the memory system must also detect this event and abort any transfer in progress. If this
CLKOUT
BR INT
BG
ADDR + ATTR
BG INT
BR
ABB
TS
AACK
ARTRY
MPC8280
External
MPC8280
External



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com