Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 295 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 295 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 291Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 292Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 293Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 294Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 295Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 296Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 297Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 298Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 299Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
8-19
extended transfers. These transactions are compatible with the 60x bus, but some slaves or masters do not
support these features. Clear BCR[ETM] to disable this type of transaction. This places the MPC8280 in
strict 60x bus mode. The following tables are extensions to Table 8-7, Table 8-8, and Table 8-9.
Table 8-10 lists the patterns of the extended data transfer for write cycles when MPC8280 initiates an
access. Note that 16- and 24-byte transfers are always eight-byte aligned and use a 64-bit or less port size.
Table 8-11 lists the bytes required on the data bus for extended read cycles. Note that 16- and 24-byte
transfers are always 8-byte aligned and use a maximum 64-bit port size.
Table 8-10. Data Bus Contents for Extended Write Cycles
Transfer
Size
TSIZ[0–3])
Address
State
A[29–31]
External Data Bus Pattern
D[0–7]
D[8–15]
D[16–23]
D[24–31] D[32–39] D[40–47]
D[48–55]
D[56–63]
5 Bytes
(0101)
000
OP0
OP1
OP2
OP3
OP4
—
—
—
011
OP3
OP3
—
OP3
OP4
OP5
OP6
OP7
6 Bytes
(0110)
000
OP0
OP1
OP2
OP3
OP4
OP5
—
—
010
OP2
OP3
OP2
OP3
OP4
OP5
OP6
OP7
7 Bytes
(0111)
000
OP0
OP1
OP2
OP3
OP4
OP5
OP6
—
001
OP1
OP1
OP2
OP3
OP4
OP5
OP6
OP7
Table 8-11. Data Bus Requirements for Extended Read Cycles
Transfer
Size
TSIZ[0–3]
Addres
s State
A[29-31
]
Port Size/Data Bus Assignments
64-Bit
32-Bit
16-Bit
8-Bit
0–7
8–15
16–2
3
24–3
1
32–3
9
40–4
7
48–5
5
56–6
3
0–7
8–15
16–2
3
24–3
1
0–7
8–15
0–7
5 Byte
(0101)
000
OP
0
OP
1
OP2 OP3 OP4
—
—
—
OP
0
OP1
OP2 OP3 OP0
OP1 OP0
011
—
—
—
OP3 OP4 OP5 OP6 OP7
—
—
—
OP3
—
OP3 OP3
6 Byte
(0110)
000
OP
0
OP
1
OP2 OP3 OP4 OP5
—
—
OP
0
OP1
OP2 OP3 OP0
OP1 OP0
010
—
—
OP2 OP3 OP4 OP5 OP6 OP7
—
—
OP2 OP3 OP2
OP3 OP2
7 Byte
(0111)
000
OP
0
OP
1
OP2 OP3 OP4 OP5 OP6
—
OP
0
OP1
OP2 OP3 OP0
OP1 OP0
001
—
OP
1
OP2 OP3 OP4 OP5 OP6 OP7
—
OP1
OP2 OP3
—
OP1 OP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com