Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 291 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 291 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 287Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 288Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 289Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 290Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 291Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 292Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 293Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 294Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 295Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
8-15
Due to the performance degradation, misaligned memory operations should be avoided. In addition to the
double-word straddle boundary condition, the processor’s address translation logic can generate
substantial exception overhead when the load/store multiple and load/store string instructions access
misaligned data. It is strongly recommended that software attempt to align code and data where possible.
8.4.3.6
Effect of Port Size on Data Transfers
The MPC8280 can transfer operands through its 64-bit data port. If the transfer is controlled by the internal
memory controller, the MPC8280 can support 8-, 16-, 32-, and 64-bit data port sizes as demonstrated in
Figure 8-6. The bus requires that the portion of the data bus used for a transfer to or from a particular port
size be fixed. A 64-bit port must reside on data bus bits D[0–63], a 32-bit port must reside on bits D[0–31],
a 16-bit port must reside on bits D[0–15], and an 8-bit port must reside on bits D[0–7]. The MPC8280
always tries to transfer the maximum amount of data on all bus cycles: for a word operation, it always
assumes the port is 64 bits wide when beginning the bus cycle; for burst and extended byte cycles, a 64-bit
bus is assumed.
Figure 8-6. shows the device connections on the data bus. Table 8-8 lists the bytes required on the data bus
for read cycles.
Table 8-7. Unaligned Data Transfer Example (4-Byte Example)
Program Size of
Word (4 bytes)
TSIZ[1–3]
A[29–31]
Data Bus Byte Lanes
D0...
...D31
D32...
...D63
B0
B1
B2
B3
B4
B5
B6
B7
Aligned
100
000
A1
1 A: Byte lane used
AAA
—2
2 —: Byte lane not used
———
Misaligned—1st access
0 1 1
0 0 1
—
A
A
A
————
2nd access
0 0 1
1 0 0
————
A
———
Misaligned—1st access
0 1 0
0 1 0
——
A
A
————
2nd access
0 1 0
1 0 0
————
A
A
——
Misaligned—1st access
0 0 1
0 1 1
———
A
————
2nd access
0 1 1
1 0 0
————
A
A
A
—
Aligned
1 0 0
1 0 0
————
A
A
A
A
Misaligned—1st access
0 1 1
1 0 1
—————
A
A
A
2nd access
0 0 1
0 0 0
A
———————
Misaligned—1st access
0 1 0
1 1 0
——————
A
A
2nd access
0 1 0
0 0 0
A
A
——————
Misaligned—1st access
0 0 1
1 1 1
———————
A
2nd access
0 1 1
0 0 0
A
A
A
—————



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com