Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 288 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 288 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 284Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 285Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 286Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 287Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 288Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 289Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 290Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 291Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 292Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
8-12
Freescale Semiconductor
will cancel an active reservation during a snoop hit in the reservation
register (independent of a snoop hit in the cache).
•
A non-processor read can cause the internal processor to invalidate the
corresponding cache line if it exists.
8.4.3.2
Transfer Code Signals TC[0–2]
The transfer code signals, TC[0–2], provide supplemental information about the corresponding address
(mainly regarding the source of the transaction). Note that TCx signals can be used with the TT[0–4] and
TBST to further define the current transaction.
8.4.3.3
TBST and TSIZ[0–3] Signals and Size of Transfer
As shown in Table 8-4, the transfer size signals (TSIZ[0–3]) and the transfer burst signal (TBST) together
indicate the size of the requested data transfer. These signals can be used with address bits A[27–31] and
the device port size to determine which portion of the data bus contains valid data for a write transaction
or which portion of the bus should contain valid data for a read transaction.
The MPC8280 uses four double word burst transactions for transferring cache blocks. For these
transactions, TSIZ[0–3] are encoded as 0b0010, and address bits A[27–28] determine which double-word
is sent first.
The MPC8280 supports critical-word-first burst transactions (double-word-aligned) from the processor.
The MPC8280 transfers the critical double word of data first, followed by the double words from
increasing addresses, wrapping back to the beginning of the eight-word block as required.
Table 8-3. Transfer Code Encoding for 60x Bus
TC[0–2]
60x Bus
Read
Write
000
Core data transaction
Any write
001
Core touch load
—
010
Core instruction fetch
—
011
Reserved
—
100
101
Reserved
110
DMA function code 0
111
DMA function code 1
Table 8-4. Transfer Size Signal Encoding
TBST
TSIZ[0–3]
Transfer Size
Comments
Source
Negated
0 0 0 1
1 Byte
Byte
Core and DMA
Negated
0 0 1 0
2 Bytes
Half word
Core and DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com