Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 284 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 284 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 280Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 281Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 282Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 283Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 284Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 285Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 286Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 287Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 288Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
8-8
Freescale Semiconductor
asserted; if BR is not asserted (no pending request), it negates BG and asserts the parked bus grant
(BG_INT in this example).
The master can assert BR and receive a qualified bus grant without subsequently using the bus. It can
negate (cancel) BR before accepting a qualified bus grant. This can occur when a replacement copyback
transaction waiting to be run on the bus is killed by a snoop of another bus master. This can also occur
when the reservation set by a pending stwcx. transaction is cancelled by a snoop of another master. In both
cases, the pending transaction by the processor is cancelled and BR is negated.
Figure 8-4. Address Bus Arbitration with External Bus Master
8.4.2
Address Pipelining
The MPC8280 supports one-level address pipelining by asserting AACK to the current bus master when
its data tenure starts and by granting the address bus to the next requesting device before the current data
bus tenure completes. Address pipelining improves data throughput by allowing the memory-control
hardware to decode a new set of address and control signals while the current data transaction finishes.
The MPC8280 pipelines data bus operations in strict order with the associated address operations.
Figure 8-5 shows how address pipelining allows address tenures to overlap the associated data tenures.
CLKOUT
BR INT
BG INT
MPC8280
BR
BG
ABB
ADDR+
MPC8280
External
External
TS
AACK
ARTRY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com