Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 283 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 283 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 279Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 280Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 281Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 282Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 283Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 284Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 285Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 286Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 287Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
8-7
master before the current data bus tenure has completed. Two address tenures can occur before the current
data bus tenure completes. The MPC8280 also supports non-pipelined accesses.
8.4
Address Tenure Operations
This section describes the three phases of the address tenure—address bus arbitration, address transfer, and
address termination.
8.4.1
Address Arbitration
Bus arbitration can be handled either by an external arbiter or by the internal on-chip arbiter. The
arbitration configuration (external or internal) is chosen at system reset. For internal arbitration, the
MPC8280 provides arbitration for the 60x address bus and the system is optimized for three external bus
masters besides the MPC8280. The bus request (BR) for the external device is an external input to the
arbiter. The bus grant signal for the external device (BG) is output to the external device.The BG signal
asserted by MPC8280’s on-chip arbiter is asserted one clock after the current master on the bus has
asserted AACK; therefore, it can be called a qualified BG. Assuming that all potential masters negate ABB
one clock after receiving AACK, the device receiving BG can start the address tenure (by asserting TS)
one clock after receiving BG. In addition to the external signals, there are internal request and grant signals
for the MPC8280 processor, communications processor, refresh controller, and the PCI internal bridge.
Bus accesses are prioritized, with programmable priority. When a MPC8280’s internal master needs the
60x bus, it asserts the internal bus request along with the request level. The arbiter asserts the internal bus
grant for the highest priority request.
The MPC8280 supports address bus parking through the use of the parked master bits in the arbiter
configuration register. The MPC8280 parks the address bus (asserts the address bus grant signal in
anticipation of an address bus request) to the external master or internal masters. When a device is parked,
the arbiter can hold BG asserted for a device even if that device has not requested the bus. Therefore, when
the parked device needs to perform a bus transaction, it skips the bus request delay and assumes address
bus mastership on the next cycle. For this case, BR is not asserted and the access latency seen by the device
is shortened by one cycle.
The MPC8280 and external device bus devices qualify BG by sampling ARTRY in the negated state prior
to taking address bus mastership. The negation of ARTRY during the address retry window (one cycle after
the assertion of AACK) indicates that no address retry is requested. If a device detects ARTRY asserted,
it cannot accept a address bus grant during the ARTRY cycle or the cycle following. A device that asserts
ARTRY due to a modified cache block hit, for example, asserts its bus request during the cycle after the
assertion of ARTRY and assumes bus mastership for the cache block push when it is given a bus grant.
The series of address transfers in Figure 8-4 shows the transfer protocol when the MPC8280 is configured
in 60x-compatible bus mode. In this example, MPC8280 is initially parked on the bus with BG
INT-asserted (note that BG INT is an internal signal not seen by the user at the pins), which lets it start an
address bus tenure by asserting TS. During the same clock cycle, the external master’s bus request is
asserted to request access to the 60x bus, thereby causing the negation of BG INT internally and the
assertion of BG at the pin. Following MPC8280’s address tenure, the external master takes the bus and
initiates its address transaction. The on-chip arbiter samples BR during the clock cycle in which AACK is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com