Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 286 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 286 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 282Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 283Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 284Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 285Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 286Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 287Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 288Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 289Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 290Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
8-10
Freescale Semiconductor
Table 8-2. Transfer Type Encoding
TT[0–4]1
60x Bus Specification2
MPC8280 as Bus Master
MPC8280 as
Snooper
MPC8280
as Slave
Command
Transaction
Bus Trans.
Transaction Source
Action on Hit
Action on Slave Hit
00000
Clean block
Address only
Address only (if
enabled)
dcbst (if enabled)
Not applicable
AACK asserted;
MPC8280 takes no
further action.
00100
Flush block
Address only
Address only (if
enabled)
dcbf (if enabled)
Not applicable
AACK is asserted;
MPC8280 takes no
further action.
01000
sync
Address only
Address only (if
enabled)
sync (if enabled)
Not applicable
Assert AACK. BG is
negated until MPC8280
buffers are flushed.
01100
Kill block
Address only
Address only
dcbz or dcbi (if
enabled)
Flush, cancel
reservation
AACK is asserted.
10000
eieio
Address only
Address only (if
enabled)
eieio (if enabled)
Not applicable
Assert AACK. BG is
negated until MPC8280
buffers are flushed.
101 00
Graphics
write
Single-beat
write
Single-beat
write
(non-GBL)
ecowx
Not applicable
No action.
11000
TLB
invalidate
Address only
Not applicable
Not applicable
Not applicable
AACK is asserted;
MPC8280 takes no
further action.
11100
Graphics
read
Single-beat
read
Single-beat
read (non-GBL)
eciwx
Not applicable
MPC8280 takes no
action.
00001
lwarx
reservation
set
Address only
Not applicable
Not applicable
Not applicable
Address-only
operation. AACK is
asserted; MPC8280
takes no further action.
00101
Reserved
—
Not applicable
Not applicable
Not applicable
Illegal
01001
tlbsync
Address only
Not applicable
Not applicable
Not applicable
Address-only
operation. AACK is
asserted; MPC8280
takes no further action.
01101
icbi
Address only
Not applicable
Not applicable
Not applicable
Address-only
operation. AACK is
asserted; MPC8280
takes no further action.
1XX01
Reserved
for customer
—
Not applicable
Not applicable
Not applicable
Illegal
00010
WR w/flush
Single-beat
write or Burst
Single-beat
write
CI, WT store, or
non-processor master
under
Flush, cancel
reservation
Write, assert AACK and
TA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com