Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 474 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 474 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 470Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 471Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 472Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 473Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 474Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 475Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 476Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 477Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 478Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-54
Freescale Semiconductor
11.5.1.1
Chip-Select Assertion Timing
From 0 to 30 wait states can be programmed for PSDVAL generation. Byte-write enable signals (WE) are
available for each byte written to memory. Also, the output enable signal (OE) is provided to eliminate
external glue logic. The memory banks selected to work with the GPCM have unique features. On system
reset, a global (boot) chip-select is available that provides a boot ROM chip-select prior to the system
being fully configured. The banks selected to work with the GPCM support an option to output the CS line
at different timings with respect to the external address bus. CS can be output in any of three
configurations:
•
Simultaneous with the external address
•
One quarter of a clock cycle later
•
One half of a clock cycle later
Note the GPCM does not negate CS in back-to-back reads to the same device when in single MPC8280
bus mode or in 60x-compatible bus mode with extended transfers enabled. When in strict 60x bus mode,
however, the GPCM does negate CS in back-to-back reads. See Section 4.3.2.1, “Bus Configuration
Register (BCR).”
Figure 11-41 shows a basic connection between the MPC8280 and an external peripheral device. Here, CS
(the strobe output for the memory access) is connected directly to CE of the memory device and BCTL0
is connected to the respective R/W in the peripheral device.
Figure 11-41. GPCM Peripheral Device Interface
Figure 11-42 shows CS as defined by the setup time required between the address lines and CE. The user
can configure ORx[ACS] to specify CS to meet this requirement.
Address
CE
R/W
Data
Peripheral
Data
BCTL0
CS
Address
MPC8280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com