Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 475 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 475 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 471Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 472Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 473Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 474Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 475Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 476Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 477Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 478Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 479Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-55
Figure 11-42. GPCM Peripheral Device Basic Timing (ACS = 1x and TRLX = 0)
11.5.1.2
Chip-Select and Write Enable Deassertion Timing
Figure 11-43 shows a basic connection between the MPC8280 and a static memory device. Here, CS is
connected directly to CE of the memory device. The WE signals are connected to the respective W signal
in the memory device where each WE corresponds to a different data byte.
Figure 11-43. GPCM Memory Device Interface
As Figure 11-45 shows, the timing for CS is the same as for the address lines. The strobes for the
transaction are supplied by OE or WE, depending on the transaction direction (read or write). ORx[CSNT]
controls the timing for the appropriate strobe negation in write cycles. When this attribute is asserted, the
strobe is negated one quarter of a clock before the normal case. For example, when ACS = 00 and
CSNT = 1, WE is negated one quarter of a clock earlier, as shown in Figure 11-44.
Clock
Address
PSDVAL
CS
R/W(BCTL0)
Data
ACS = 11
ACS = 10
Address
CE
OE
W
Data
MEMORY
Data
WE
OE
CS
Address
MPC8280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com