Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 479 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 479 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 475Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 476Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 477Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 478Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 479Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 480Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 481Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 482Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 483Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-59
11.5.1.5
Programmable Wait State Configuration
The GPCM supports internal PSDVAL generation. It allows fast accesses to external memory through an
internal bus master or a maximum 17-clock access by programming ORx[SCY]. The internal PSDVAL
generation mode is enabled if ORx[SETA] = 0. If GTA is asserted externally at least two clock cycles
before the wait state counter has expired, the current memory cycle is terminated. When TRLX = 1, the
number of wait states inserted by the memory controller is defined by 2 x SCY or a maximum of 30 wait
states.
11.5.1.6
Extended Hold Time on Read Accesses
Slow memory devices that take a long time to turn off their data bus drivers on read accesses should choose
some combination of ORx[29–30] (TRLX and EHTR). Any access following a read access to the slower
memory bank is delayed by the number of clock cycles specified by Table 11-32.
See Figure 11-50 through Figure 11-53 for timing examples.
Figure 11-50. GPCM Read Followed by Read (OR
x[29–30] = 00, Fastest Timing)
Table 11-32. TRLX and EHTR Combinations
ORx[TRLX] ORx[EHTR]
Number of Hold Time
Clock Cycles
00
0
01
1
10
4
11
8
Clock
Address
PSDVAL
CSx
CSy
BCTL
x
OE
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com