Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 483 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 483 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 479Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 480Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 481Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 482Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 483Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 484Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 485Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 486Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 487Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 483 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-63
11.5.4
Differences Between the MPC8
xx GPCM and MPC82xx GPCM
Users familiar with the MPC8xx GPCM should read this section first:
•
External termination—In the MPC8xx the external termination connects to the external bus TA and
so must be asserted in sync with the system clock. In the MPC8280, this signal is separated from
the bus and named GTA. The signal is synchronized internally and sampled. The sampled signal is
used to generate TA, which terminates the bus transaction.
•
Extended hold time for reads can be up to 8 clock cycles (instead of 1 in the MPC8xx).
11.6
User-Programmable Machines (UPMs)
Users familiar with MPC8xx memory controller should first read Section 11.6.6, “Differences Between
the MPC8xx UPM and MPC82xx UPM.” Table 11-34 lists the UPM interface signals on the 60x and local
bus.
OR0
AM
1111_1110_0000_0000_0 (32 MByte)
BCTLD
0
CSNT
1
ACS
11
SCY
1111
SETA
0
TRLX
1
EHTR
0
Table 11-34. UPM Interfaces Signals
60x Bus
Local Bus
Comments
CS[0–11]
Device select
PBS[0–7]
LBS[0–3]
Byte Select
PGPL_0
LGPL_0
General-purpose line
0
PGPL_1
LGPL_1
General-purpose line
1
PGPL_2
LGPL_2
General-purpose line
2
PGPL_3
LGPL_3
General-purpose line
3
PGPL_4/UPMWAIT
LGPL_4/UPMWAIT
General-purpose line
4/UPM wait
PGPL_5
LGPL_5
General-purpose line
5
Table 11-33. Boot Bank Field Values after Reset (continued)
Register
Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com